| 전자부품 데이터시트 검색엔진 |
|
R4113SB 데이터시트(PDF) 3 Page - Hollingsworth |
|
|
|||||||||||||||||||||||||||||
R4113SB 데이터시트(HTML) 3 Page - Hollingsworth |
|
3 / 26 page ![]() www.hollingsworth.com 800.638.8376 Most terminals available tape mounted. Consult Electro-Term/Hollingsworth with your specifications. 22/16 Flanged Spades CMA Range 509-3260 Barrel Inside Diameter .059"/ 1.5 mm Material: COPPER Thickness: .030"/.762 mm Insulated ( Red Vinyl) Insulated ( Red Nylon) Basic Dimensions Non-Insulated Insul. Dia. .160"/4.06 mm Insul. Dia. .146"/3.71 mm Stud W W C C NIT E E L L Funnel E E L L Funnel E E L L Size In. mm In. mm NIT Brazed In. mm In. mm FIT In. mm In. mm FIIG In. mm In. mm 2 .18 4.57 .19 4.83 SF20746 SF20746B .46 11.68 .60 15.24 SF20740F .70 17.78 .87 22.10 2 .18 4.57 .19 4.83 SF20746S SF20746SB .36 9.14 .51 12.95 SF20740SF .63 16.00 .80 20.32 XSF2559SN .62 15.75 .80 20.32 2 .29 7.37 .19 4.83 SF20747 SF20747B .46 11.68 .60 15.24 SF20741F .70 17.78 .87 22.10 2 .29 7.37 .19 4.83 SF20747S SF20747SB .36 9.14 .51 12.95 SF20741SF .63 16.00 .80 20.32 XSF2560SN .62 15.75 .80 20.32 4 .29 7.37 .19 4.83 SF20748 SF20748B .46 11.68 .60 15.24 SF20742F .70 17.78 .87 22.10 4 .29 7.37 .19 4.83 SF20748S SF20748SB .36 9.14 .51 12.95 SF20742SF .63 16.00 .80 20.32 XSF2561SN .62 15.75 .80 20.32 6 .29 7.37 .19 4.83 SF20749 SF20749B .46 11.68 .60 15.24 SF20752F .70 17.78 .87 22.10 6 .29 7.37 .19 4.83 SF20749S SF20749SB .36 9.14 .51 12.95 SF20752SF .63 16.00 .80 20.32 XSF2562SN .62 15.75 .80 20.32 8 .29 7.37 .19 4.83 SF20750 SF20750B .46 11.68 .60 15.24 SF20753F .70 17.78 .87 22.10 8 .29 7.37 .19 4.83 SF20750S SF20750SB .36 9.14 .51 12.95 SF20753SF .63 16.00 .80 20.32 XSF2498SN .62 15.75 .80 20.32 Hand Tool H4A H4A H7B & H53* H7B & H53 zy zy zy zy * H53 for short barrel, H53L for long barrel 20/16 Rings, Heavy Duty CMA Range 1290-3260 Barrel Inside Diameter .065"/ 1.65 mm Material: COPPER Thickness: .040"/1.02 mm Basic Dimensions Non-Insulated Stud W W C C NIT E E L L Size In. mm In. mm Brazed In. mm In. mm 1/4 .47 11.94 .32 8.13 HDR1339B .50 12.70 .74 18.80 Hand Tool H4A zy 16/14 Rings CMA Range 2050-5180 Barrel Inside Diameter .085"/ 2.16 mm Material: COPPER Thickness: .032"/.813 mm Insulated (Blue Vinyl) Insulated (Blue Nylon) Basic Dimensions Non-Insulated Insul. Dia. .198" / 5.03 mm Insul. Dia. .178"/4.52 mm Stud W W C C NIT E E L L Funnel E E L L Funnel E E L L Size In. mm In. mm NIT Brazed In. mm In. mm FIT In. mm In. mm FIIG In. mm In. mm 2 .25 6.35 .16 4.06 R3301B .43 10.92 .55 13.97 4 .25 6.35 .16 4.06 R4119 R4119B .43 10.92 .55 13.97 4 .25 6.35 .16 4.06 R4119S R4119SB .33 8.38 .45 11.43 XR2441SN .62 15.75 .74 18.80 6 .25 6.35 .16 4.06 R4120 R4120B .43 10.92 .55 13.97 R4158F .70 17.78 .82 20.83 6 .25 6.35 .16 4.06 R4120S R4120SB .33 8.38 .45 11.43 R4158SF .62 15.75 .74 18.80 XR2442SN .62 15.75 .74 18.80 6 .25 6.35 .37 9.40 R61002G R61002GB .64 16.26 .77 19.56 R61005GF .92 23.37 1.04 26.42 6 .25 6.35 .37 9.40 R61002GS R61002GSB .55 13.97 .67 17.02 R61005GSF .84 21.34 .96 24.38 XR61006GSN .84 21.34 .96 24.38 6 .31 7.87 .28 7.11 R4121 R4121B .55 13.97 .71 18.03 R4159F .83 21.08 .96 24.38 6 .31 7.87 .28 7.11 R4121S R4121SB .46 11.68 .62 15.75 R4159SF .75 19.05 .91 23.11 XR1901SN .75 19.05 .91 23.11 6 .31 7.87 .37 9.40 R4121G R4121GB .64 16.26 .80 20.32 R4159GF .92 23.37 1.07 27.18 6 .31 7.87 .37 9.40 R4121GS R4121GSB .55 13.97 .70 17.78 R4159GSF .84 21.34 .99 25.15 XR1901GSN .84 21.34 .99 25.15 8 .31 7.87 .28 7.11 R4122 R4122B .55 13.97 .71 18.03 R4160F .83 21.08 .99 25.15 8 .31 7.87 .28 7.11 R4122S R4122SB .46 11.68 .62 15.75 R4160SF .75 19.05 .91 23.11 XR1902SN .75 19.05 .91 23.11 8 .31 7.87 .37 9.40 R4122G .64 16.26 .80 20.32 R4160GF .92 23.37 1.07 27.18 8 .31 7.87 .37 9.40 R4122GS .55 13.97 .70 17.78 R4160GSF .84 21.34 .99 25.15 XR1902GSN .84 21.34 .99 25.15 10 .31 7.87 .28 7.11 R4123 R4123B .55 13.97 .71 18.03 R4161F .83 21.08 .99 25.15 10 .31 7.87 .28 7.11 R4123S R4123SB .46 11.68 .62 15.75 R4161SF .75 19.05 .91 23.11 XR1903SN .75 19.05 .91 23.11 10 .31 7.87 .37 9.40 R4123G R4123GB .64 16.26 .80 20.32 R4161GF .92 23.37 1.07 27.18 10 .31 7.87 .37 9.40 R4123GS R4123GSB .55 13.97 .70 17.78 R4161GSF .84 21.34 .99 25.15 XR1903GSN .84 21.34 .99 25.15 1/4 .46 11.68 .44 11.18 R4124 R4124B .71 18.03 .94 23.88 R4162F .98 24.89 1.21 30.73 1/4 .46 11.68 .44 11.18 R4124S R4124SB .61 15.49 .84 21.34 R4162SF .90 22.86 1.13 28.70 XR1906SN .90 22.86 1.13 28.70 5/16 .46 11.68 .44 11.18 R4125 R4125B .71 18.03 .94 23.88 R4163F .98 24.89 1.21 30.73 5/16 .46 11.68 .44 11.18 R4125S R4125SB .61 15.49 .84 21.34 R4163SF .90 22.86 1.13 28.70 XR1907SN .90 22.86 1.13 28.70 3/8 .53 13.46 .44 11.18 R4126 R4126B .71 18.03 .97 24.64 R4164F .98 24.89 1.25 31.75 3/8 .53 13.46 .44 11.18 R4126S R4126SB .61 15.49 .88 22.35 R4164SF .90 22.86 1.17 29.72 XR1908SN .90 22.86 1.17 29.72 Hand Tool H4A H4A H7B & H53* H7B & H53 zy zy zy zy * H53 for short barrel, H53L for long barrel 53 |