전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC33926PNB/R2 데이터시트(PDF) 4 Page - Freescale Semiconductor, Inc

부품명 PC33926PNB/R2
상세설명  5.0 A Throttle Control H-Bridge
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33926PNB/R2 데이터시트(HTML) 4 Page - Freescale Semiconductor, Inc

  PC33926PNB/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33926PNB/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33926
PIN CONNECTIONS
12, 13,
14, 15
OUT1
Power
Output
H-Bridge Output 1
Source of high-side MOSFET1 and drain of low-side MOSFET1.
16
D2
Logic Input
Disable Input 2
(Active Low)
When D2 is logic LOW, both OUT1 and OUT2 are tri-stated. (Schmitt trigger
input with ~80
µA sink so default condition = disabled.)
18–20,
22–24
PGND
Power
Ground
Power Ground
High-current power ground pins must be connected together physically as
close as possible and directly soldered down to a wide, thick, low resistance
ground plane on the PCB.
21
SF
Logic
Output -
Open Drain
Status Flag
(Active Low)
Open drain active LOW Status Flag output (requires an external pullup resistor
to VDD. Maximum permissible load current < 0.5 mA. Maximum VCEsat
< 0.4 V @ 0.3 mA. Maximum permissible pullup voltage < 7.0 V.)
26
D1
Logic Input
Disable Input 1
(Active High)
When D1 is logic HIGH, both OUT1 and OUT2 are tri-stated. Schmitt trigger
input with ~80
µA source so default condition = disabled.
27, 28,
29, 30
OUT2
Power
Output
H-Bridge Output 2
Source of high-side MOSFET2 and drain of low-side MOSFET2.
32
CCP
Analog
Output
Charge Pump
Capacitor
External reservoir capacitor connection for internal charge pump; connected to
VPWR. Allowable values are 30
νF to 100 νF. Note This capacitor is required
for the proper performance of the device.
Table 1. 33926 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Description section beginning on page 12.
Pin
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25