| 전자부품 데이터시트 검색엔진 |
|
C8051F062 데이터시트(PDF) 32 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
C8051F062 데이터시트(HTML) 32 Page - Silicon Laboratories |
|
32 / 328 page ![]() C8051F060/1/2/3/4/5/6/7 32 Rev. 1.2 1.7. Serial Ports The C8051F06x MCU Family includes two Enhanced Full-Duplex UARTs, an enhanced SPI Bus, and SMBus/I2C. Each of the serial buses is fully implemented in hardware and makes extensive use of the CIP-51's interrupts, thus requiring very little intervention by the CPU. The serial buses do not "share" resources such as timers, interrupts, or Port I/O, so any or all of the serial buses may be used together with any other. |