전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LSF0102DCTR 데이터시트(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
부품명 LSF0102DCTR
상세설명  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DCTR 데이터시트(HTML) 33 Page - Texas Instruments

Back Button LSF0102DCTR Datasheet HTML 29Page - Texas Instruments LSF0102DCTR Datasheet HTML 30Page - Texas Instruments LSF0102DCTR Datasheet HTML 31Page - Texas Instruments LSF0102DCTR Datasheet HTML 32Page - Texas Instruments LSF0102DCTR Datasheet HTML 33Page - Texas Instruments LSF0102DCTR Datasheet HTML 34Page - Texas Instruments LSF0102DCTR Datasheet HTML 35Page - Texas Instruments LSF0102DCTR Datasheet HTML 36Page - Texas Instruments LSF0102DCTR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(
0.22)
4X (0.079)
0.0325 MIN
ALL AROUND
0.0325 MAX
ALL AROUND
6X (0.2)
(0.5)
(0.78)
(R0.05) TYP
6X (0.42)
(0.27)
(45 ) TYP
4X (0.1)
X2SON - 0.4 mm max height
DTM0008A
PLASTIC SMALL OUTLINE - NO LEAD
4224755/B 10/2022
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
NON SOLDER MASK
DEFINED
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:40X
SYMM
SYMM
1
3
4
7
5
8
SEE SOLDER MASK
DETAILS
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL EDGE
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com