전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ELM327P 데이터시트(PDF) 33 Page - ELM Electronics

부품명 ELM327P
상세설명  OBD to RS232 Interpreter
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ELM [ELM Electronics]
홈페이지  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327P 데이터시트(HTML) 33 Page - ELM Electronics

Back Button ELM327P Datasheet HTML 29Page - ELM Electronics ELM327P Datasheet HTML 30Page - ELM Electronics ELM327P Datasheet HTML 31Page - ELM Electronics ELM327P Datasheet HTML 32Page - ELM Electronics ELM327P Datasheet HTML 33Page - ELM Electronics ELM327P Datasheet HTML 34Page - ELM Electronics ELM327P Datasheet HTML 35Page - ELM Electronics ELM327P Datasheet HTML 36Page - ELM Electronics ELM327P Datasheet HTML 37Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
33 of 51
ELM327
ELM327DSC
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Multiline Responses (Cont’d)
ask the vehicle for the Calibration ID (09 04) and are
presented with the following response:
>09 04
013
0: 49 04 01 35 36 30
1: 32 38 39 34 39 41 43
013
0: 49 04 01 35 36 30
2: 00 00 00 00 00 00 31
1: 32 38 39 35 34 41 43
2: 00 00 00 00 00 00 00
which is quite confusing. The first group (the 013, 0:, 1:
group) seems to make some sense, but the following
group is very confusing. Why are there two segment
twos? Which ECU do these belong to? The only way
to tell is to turn on the headers, and repeat your
request:
>AT H1
OK
>09 04
7E8 10 13 49 04 01 35 36 30
7E8 21 32 38 39 34 39 41 43
7E9 10 13 49 04 01 35 36 30
7E8 22 00 00 00 00 00 00 31
7E9 21 32 38 39 35 34 41 43
7E9 22 00 00 00 00 00 00 00
This time, the order appears to be the same, but
be aware that it may not be – that is why the standard
requires that sequence codes be transmitted with
multiline responses.
Looking at the first digits of these responses, you
can see that some begin with 7E8, and some begin
with 7E9.
This is the special CAN IDs representing
ECU#1
and
ECU#2,
respectively.
Grouping
the
responses from the two ECUs gives:
7E8 10 13 49 04 01 35 36 30
7E8 21 32 38 39 34 39 41 43
7E8 22 00 00 00 00 00 00 31
and
7E9 10 13 49 04 01 35 36 30
7E9 21 32 38 39 35 34 41 43
7E9 22 00 00 00 00 00 00 00
From these, the messages can be assembled in
their proper order. To do this, look at the byte following
the CAN ID - it is what is known as the PCI byte, and
is used to tell what type of data follows. In this case,
the PCI byte begins with either a 1 (for a ‘First Frame’
message), or a 2 (for the ‘Consecutive Frames’). The
second half of the PCI byte shows the order in which
the information is to be assembled (ie. the segment
number). In this case, the segment numbers are
already in order, but if they had not been, it would
have been necessary to rearrange the messages to
place them in order.
Each OBD standard has some minor peculiarities.
Hopefully this has helped you with some of the more
difficult ones. If you are still having trouble, we urge
you to purchase the relevant standard, and study it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51