전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F676-E/P 데이터시트(PDF) 24 Page - Microchip Technology

부품명 PIC16F676-E/P
상세설명  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P 데이터시트(HTML) 24 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 20Page - Microchip Technology PIC16F676-E/P Datasheet HTML 21Page - Microchip Technology PIC16F676-E/P Datasheet HTML 22Page - Microchip Technology PIC16F676-E/P Datasheet HTML 23Page - Microchip Technology PIC16F676-E/P Datasheet HTML 24Page - Microchip Technology PIC16F676-E/P Datasheet HTML 25Page - Microchip Technology PIC16F676-E/P Datasheet HTML 26Page - Microchip Technology PIC16F676-E/P Datasheet HTML 27Page - Microchip Technology PIC16F676-E/P Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 130 page
background image
PIC16F630/676
DS40039E-page 22
© 2007 Microchip Technology Inc.
3.2.3
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions.
The pins and their combined functions are briefly
described here. For specific information about individ-
ual functions such as the comparator or the A/D, refer
to the appropriate section in this Data Sheet.
3.2.3.1
RA0/AN0/CIN+
Figure 3-1 shows the diagram for this pin. The RA0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the A/D (PIC16F676 only)
• an analog input to the comparator
3.2.3.2
RA1/AN1/CIN-/VREF
Figure 3-1 shows the diagram for this pin. The RA1 pin
is configurable to function as one of the following:
• as a general purpose I/O
• an analog input for the A/D (PIC16F676 only)
• an analog input to the comparator
• a voltage reference input for the A/D (PIC16F676
only)
FIGURE 3-1:
BLOCK DIAGRAM OF RA0
AND RA1 PINS
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
Data Bus
WR
WPUA
RD
WPUA
RD PORTA
RD
PORTA
WR
PORTA
WR
TRISA
RD
TRISA
WR
IOCA
RD
IOCA
Interrupt-on-Change
To Comparator
To A/D Converter
Analog
Input Mode
RAPU
Analog
Input Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More