| 전자부품 데이터시트 검색엔진 |
|
PIC12F635-E/MLQTP 데이터시트(PDF) 26 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F635-E/MLQTP 데이터시트(HTML) 26 Page - Microchip Technology |
|
26 / 234 page ![]() PIC12F635/PIC16F636/639 DS41232D-page 24 © 2007 Microchip Technology Inc. TABLE 2-4: PIC16F636/639 SPECIAL FUNCTION REGISTERS SUMMARY BANK 1 Addr Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR/BOR/ WUR Page Bank 1 80h INDF Addressing this location uses contents of FSR to address data memory (not a physical register) xxxx xxxx 32,137 81h OPTION_REG RAPU INTEDG T0CS T0SE PSA PS2 PS1 PS0 1111 1111 63,137 82h PCL Program Counter’s (PC) Least Significant Byte 0000 0000 32,137 83h STATUS IRP RP1 RP0 TO PD ZDC C 0001 1xxx 26,137 84h FSR Indirect Data Memory Address Pointer xxxx xxxx 32,137 85h TRISA — — TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111 86h — Unimplemented — — 87h TRISC — — TRISC5 TRISC4 TRISC3 TRISC2 TRISC1 TRISC0 --11 1111 --11 1111 88h — Unimplemented — — 89h — Unimplemented — — 8Ah PCLATH — — — Write Buffer for upper 5 bits of Program Counter ---0 0000 32,137 8Bh INTCON GIE PEIE T0IE INTE RAIE T0IF INTF RAIF(3) 0000 000x 28,137 8Ch PIE1 EEIE LVDIE CRIE C2IE C1IE OSFIE —TMR1IE 0000 00-0 29,137 8Dh — Unimplemented — — 8Eh PCON — — ULPWUE SBOREN WUR —POR BOR --01 q-qq --0u u-uu 8Fh OSCCON — IRCF2 IRCF1 IRCF0 OSTS HTS LTS SCS -110 q000 -110 x000 90h OSCTUNE — — — TUN4 TUN3 TUN2 TUN1 TUN0 ---0 0000 ---u uuuu 91h — Unimplemented — — 92h — Unimplemented — — 93h — Unimplemented — — 94h LVDCON — —IRVST LVDEN — LVDL2 LVDL1 LVDL0 --00 -000 --00 -000 95h WPUDA(2) — — WPUDA5 WPUDA4 — WPUDA2 WPUDA1 WPUDA0 --11 -111 --11 -111 96h IOCA — — IOCA5 IOCA4 IOCA3 IOCA2 IOCA1 IOCA0 --00 0000 --00 0000 97h WDA(2) — — WDA5 WDA4 — WDA2 WDA1 WDA0 --11 -111 --11 -111 9Bh — Unimplemented — — 99h VRCON VREN —VRR — VR3 VR2 VR1 VR0 0-0- 0000 0-0- 0000 9Ah EEDAT EEDAT7 EEDAT6 EEDAT5 EEDAT4 EEDAT3 EEDAT2 EEDAT1 EEDAT0 0000 0000 0000 0000 9Bh EEADR EEADR7 EEADR6 EEADR5 EEADR4 EEADR3 EEADR2 EEADR1 EEADR0 0000 0000 0000 0000 9Ch EECON1 — — — — WRERR WREN WR RD ---- x000 ---- q000 9Dh EECON2 EEPROM Control Register 2 (not a physical register) ---- ---- ---- ---- 9Eh — Unimplemented — — 9Fh — Unimplemented — — Legend: – = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented Note 1: Other (non Power-up) Resets include MCLR Reset and Watchdog Timer Reset during normal operation. 2: RA3 pull-up is enabled when pin is configured as MCLR in the Configuration Word register. 3: MCLR and WDT Reset do not affect the previous value data latch. The RAIF bit will be cleared upon Reset but will set again if the mismatch exists. |