| 전자부품 데이터시트 검색엔진 |
|
PIC16F688-I/SLSQTP 데이터시트(PDF) 82 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-I/SLSQTP 데이터시트(HTML) 82 Page - Microchip Technology |
|
82 / 202 page ![]() PIC16F688 DS41203D-page 80 © 2007 Microchip Technology Inc. 9.1.2 READING THE DATA EEPROM MEMORY To read a data memory location, the user must write the address to the EEADR register, clear the EEPGD control bit of the EECON1 register, and then set control bit RD of the EECON1 register. The data is available in the very next cycle, in the EEDAT register; therefore, it can be read in the next instruction. EEDAT will hold this value until another read or until it is written to by the user (during a write operation). EXAMPLE 9-1: DATA EEPROM READ 9.1.3 WRITING TO THE DATA EEPROM MEMORY To write an EEPROM data location, the user must first write the address to the EEADR register and the data to the EEDAT register. Then the user must follow a specific sequence to initiate the write for each byte. The write will not initiate if the above sequence is not followed exactly (write 55h to EECON2, write AAh to EECON2, then set WR bit) for each byte. Interrupts should be disabled during this code segment. Additionally, the WREN bit in EECON1 must be set to enable write. This mechanism prevents accidental writes to data EEPROM due to errant (unexpected) code execution (i.e., lost programs). The user should keep the WREN bit clear at all times, except when updating EEPROM. The WREN bit is not cleared by hardware. After a write sequence has been initiated, clearing the WREN bit will not affect this write cycle. The WR bit will be inhibited from being set unless the WREN bit is set. At the completion of the write cycle, the WR bit is cleared in hardware and the EE Write Complete Interrupt Flag bit (EEIF) is set. The user can either enable this interrupt or poll this bit. EEIF must be cleared by software. EXAMPLE 9-2: DATA EEPROM WRITE BANKSEL EEADR ; MOVLW DATA_EE_ADDR ; MOVWF EEADR ;Data Memory ;Address to read BCF EECON1, EEPGD ;Point to DATA ;memory BSF EECON1, RD ;EE Read MOVF EEDAT, W ;W = EEDAT BANKSEL EEADR ; MOVLW DATA_EE_ADDR ; MOVWF EEADR ;Data Memory Address to write MOVLW DATA_EE_DATA ; MOVWF EEDAT ;Data Memory Value to write BANKSEL EECON1 ; BCF EECON1, EEPGD ;Point to DATA memory BSF EECON1, WREN ;Enable writes BCF INTCON, GIE ;Disable INTs. BTFSC INTCON, GIE ;SEE AN576 GOTO $-2 MOVLW 55h ; MOVWF EECON2 ;Write 55h MOVLW AAh ; MOVWF EECON2 ;Write AAh BSF EECON1, WR ;Set WR bit to begin write BSF INTCON, GIE ;Enable INTs. SLEEP ;Wait for interrupt to signal write complete BCF EECON1, WREN ;Disable writes |