| 전자부품 데이터시트 검색엔진 |
|
PIC16F688-E/STSQTP 데이터시트(PDF) 45 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F688-E/STSQTP 데이터시트(HTML) 45 Page - Microchip Technology |
|
45 / 202 page ![]() © 2007 Microchip Technology Inc. DS41203C-page 43 PIC16F688 4.3.1 RC0/AN4/C2IN+ Figure 4-7 shows the diagram for this pin. The RC0 is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D Converter • an analog input to the comparator 4.3.2 RC1/AN5/C2IN- Figure 4-7 shows the diagram for this pin. The RC1 is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D Converter • an analog input to the comparator FIGURE 4-7: BLOCK DIAGRAM OF RC0 AND RC1 4.3.3 RC2/AN6 Figure 4-8 shows the diagram for this pin. The RC2 is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D Converter 4.3.4 RC3/AN7 Figure 4-8 shows the diagram for this pin. The RC3 is configurable to function as one of the following: • a general purpose I/O • an analog input for the A/D Converter FIGURE 4-8: BLOCK DIAGRAM OF RC2 AND RC3 I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input Mode(1) To Comparators Note 1: Analog Input mode is based upon Comparator mode and ANSEL. I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus WR PORTC WR TRISC RD TRISC To A/D Converter RD PORTC Analog Input Mode(1) Note 1: Analog Input mode comes from ANSEL. |