전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F610-E/PQTP 데이터시트(PDF) 4 Page - Microchip Technology

부품명 PIC16F610-E/PQTP
상세설명  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F610-E/PQTP 데이터시트(HTML) 4 Page - Microchip Technology

  PIC16F610-E/PQTP Datasheet HTML 1Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 2Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 3Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 4Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 5Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 6Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 7Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 8Page - Microchip Technology PIC16F610-E/PQTP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 180 page
background image
PIC16F610/616/16HV610/616
DS41288C-page 2
Preliminary
© 2007 Microchip Technology Inc.
PIC16F610/16HV610 14-Pin Diagram (PDIP, SOIC, TSSOP)
TABLE 1:
PIC16F610/16HV610
14-PIN SUMMARY
Device
Program Memory
Data Memory
I/O
10-bit A/D
(ch)
Comparators
Timers
8/16-bit
Voltage Range
Flash
(words)
SRAM (bytes)
PIC16F610
1024
64
11
—
2
1/1
2.0-5.5V
PIC16HV610
1024
64
11
—
2
1/1
2.0-user defined
PIC16F616
2048
128
11
8
2
2/1
2.0-5.5V
PIC16HV616
2048
128
11
8
2
2/1
2.0-user defined
I/O
Pin
Comparators
Timer
Interrupts
Pull-ups
Basic
RA0
13
C1IN+
—
IOC
Y
ICSPDAT
RA1
12
C12IN0-
—
IOC
Y
ICSPCLK
RA2
11
C1OUT
T0CKI
INT/IOC
Y
—
RA3(1)
4—
—
IOC
Y(2)
MCLR/VPP
RA4
3
—
T1G
IOC
Y
OSC2/CLKOUT
RA5
2
—
T1CKI
IOC
Y
OSC1/CLKIN
RC0
10
C2IN+
—
—
—
—
RC1
9
C12IN1-
—
—
—
—
RC2
8
C12IN2-
—
—
—
—
RC3
7
C12IN3-
—
—
—
—
RC4
6
C2OUT
—
—
—
—
RC5
5
—
—
—
—
—
—
1
—
—
—
—
VDD
—14
—
—
—
—
VSS
Note 1:
Input only.
2:
Only when pin is configured for external MCLR.
VDD
RA5/T1CKI/OSC1/CLKIN
RA4/T1G/OSC2/CLKOUT
RA3/MCLR/VPP
RC5
RC4/C2OUT
RC3/C12IN3-
VSS
RA0/C1IN+/ICSPDAT
RA1/C12IN0-/ICSPCLK
RA2/T0CKI/INT/C1OUT
RC0/C2IN+
RC1/C12IN1-
RC2/C12IN2-
1
2
3
4
5
6
7
14
13
12
9
11
10
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More