전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS18 데이터시트(PDF) 3 Page - ON Semiconductor

부품명 SS18
상세설명  Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS18 데이터시트(HTML) 3 Page - ON Semiconductor

  SS18 Datasheet HTML 1Page - ON Semiconductor SS18 Datasheet HTML 2Page - ON Semiconductor SS18 Datasheet HTML 3Page - ON Semiconductor SS18 Datasheet HTML 4Page - ON Semiconductor SS18 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SS12 − S100
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 1. Forward Current Derating Curve
0
0
0.25
0.5
0.75
1
Lead Temperature [
°C]
SINGLE PHASE
HALF WAVE
60 Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 0.2x0.2”(5.0x5.0mm)
COPPER PAD AREAS
20
40
60
80
100
120
140
Figure 2. Forward Voltage Characteristics
Forward Voltage, VF [V]
0
0.1
1
5
10
20
SS15 − SS16
SS18 − S100
SS12 − SS14
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
TJ = 255C
Pulse Width = 300
ms
1% Duty Cycle
Figure 3. Non−Repetitive Surge Current
Number of Cycles at 60 Hz
1
2
5
10
20
50
100
0
5
10
15
20
25
30
8.3 ms Single Half-Sine-Wave
JEDEC Method
Figure 4. Total Capacitance
Reverse Voltage, VR [V]
0.1
0.5
1
5
10
50
100
10
20
30
40
50
100
200
400
TJ = 255C
Figure 5. Low−Current Forward Voltage
Characteristics
1E−3
0.01
0.1
1
10
0.0
T
A
= 125
oC
T
A
= 75
oC
T
A
= 25
oC
T
A
= −20
o
C
T
A
= −65
o
C
S100
Forward Voltage, VF [V]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com