전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC12F635-E/ML 데이터시트(PDF) 54 Page - Microchip Technology

부품명 PIC12F635-E/ML
상세설명  8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F635-E/ML 데이터시트(HTML) 54 Page - Microchip Technology

Back Button PIC12F635-E/ML Datasheet HTML 50Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 51Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 52Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 53Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 54Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 55Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 56Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 57Page - Microchip Technology PIC12F635-E/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 234 page
background image
PIC12F635/PIC16F636/639
DS41232D-page 52
© 2007 Microchip Technology Inc.
4.2.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions,
such as the comparator, refer to the appropriate section
in this data sheet.
4.2.4.1
RA0/C1IN+/ICSPDAT/ULPWU
Figure 4-2 shows the diagram for this pin. The RA0 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input to the comparator
• In-Circuit Serial Programming™ data
• an analog input for the Ultra Low-Power Wake-up
FIGURE 4-1:
BLOCK DIAGRAM OF RA0
I/O pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
RD PORTA
RD
WR
WR
RD
WR
IOCA
RD
IOCA
Interrupt-on-
Analog
Input Mode(1)
Change
Q1
WR
RD
01
IULP
WPUDA
Data Bus
WPUDA
PORTA
TRISA
TRISA
PORTA
Note
1:
Comparator mode determines Analog Input mode.
VT
ULPWUE
–
+
VSS
D
Q
CK
Q
WR
RD
WDA
WDA
Analog
Input Mode(1)
RAPU
Weak



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More