전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F616-E/MLSQTP 데이터시트(PDF) 37 Page - Microchip Technology

부품명 PIC16F616-E/MLSQTP
상세설명  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F616-E/MLSQTP 데이터시트(HTML) 37 Page - Microchip Technology

Back Button PIC16F616-E/MLSQTP Datasheet HTML 33Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 34Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 35Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 36Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 37Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 38Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 39Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 40Page - Microchip Technology PIC16F616-E/MLSQTP Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 180 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41288C-page 35
PIC16F610/616/16HV610/616
4.2.4.3
RA2/AN2(1)/T0CKI/INT/C1OUT
Figure 4-2 shows the diagram for this pin. The RA2 pin
is configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
(1)
• the clock input for TMR0
• an external edge triggered interrupt
• a digital output from Comparator C1
FIGURE 4-2:
BLOCK DIAGRAM OF RA2
Note 1:
PIC16F616/16HV616 only.
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
D
Q
CK
Q
VDD
D
EN
Q
D
EN
Q
Weak
RD PORTA
RD
WR
WR
RD
WR
IOAC
RD
IOAC
Interrupt-on-
To INT
Analog(1)
Input Mode
RAPU
Analog(1)
Input Mode
Change
Q1
WR
RD
WPUA
Data Bus
WPUA
PORTA
TRISA
TRISA
PORTA
Note
1:
Comparator mode and ANSEL determines Analog Input mode.
2:
Set has priority over Reset.
3:
PIC16F616/16HV616 only.
To A/D Converter(3)
I/O Pin
S(2)
R
Q
From other
RA<5:3, 1:0> pins
Write ‘0’ to RAIF
0
1
C1OE
C1OE
Enable
To Timer0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More