전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24HJ12GP201E/P 데이터시트(PDF) 36 Page - Microchip Technology

부품명 PIC24HJ12GP201E/P
상세설명  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P 데이터시트(HTML) 36 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 32Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 33Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 34Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 35Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 36Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 37Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 38Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 39Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 234 page
background image
PIC24HJ12GP201/202
DS70282B-page 34
Preliminary
© 2007 Microchip Technology Inc.
FIGURE 3-5:
DATA ACCESS FROM PROGRAM SPACE ADDRESS GENERATION
0
Program Counter
23 bits
1
PSVPAG
8 bits
EA
15 bits
Program Counter(1)
Select
TBLPAG
8 bits
EA
16 bits
Byte Select
0
0
1/0
User/Configuration
Table Operations(2)
Program Space Visibility(1)
Space Select
24 bits
23 bits
(Remapping)
1/0
0
Note 1: The Least Significant bit (LSb) of program space addresses is always fixed as ‘0’ to
maintain word alignment of data in the program and data spaces.
2: Table operations are not required to be word-aligned. Table read operations are permitted
in the configuration memory space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More