| 전자부품 데이터시트 검색엔진 |
|
PIC16F883-E/MLSQTP 데이터시트(PDF) 37 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/MLSQTP 데이터시트(HTML) 37 Page - Microchip Technology |
|
37 / 288 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41291D-page 35 PIC16F882/883/884/886/887 2.2.2.7 PIR2 Register The PIR2 register contains the interrupt flag bits, as shown in Register 2-7. Note: Interrupt flag bits are set when an interrupt condition occurs, regardless of the state of its corresponding enable bit or the Global Enable bit, GIE of the INTCON register. User software should ensure the appropriate interrupt flag bits are clear prior to enabling an interrupt. REGISTER 2-7: PIR2: PERIPHERAL INTERRUPT REQUEST REGISTER 2 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 U-0 R/W-0 OSFIF C2IF C1IF EEIF BCLIF ULPWUIF — CCP2IF bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 OSFIF: Oscillator Fail Interrupt Flag bit 1 = System oscillator failed, clock input has changed to INTOSC (must be cleared in software) 0 = System clock operating bit 6 C2IF: Comparator C2 Interrupt Flag bit 1 = Comparator output (C2OUT bit) has changed (must be cleared in software) 0 = Comparator output (C2OUT bit) has not changed bit 5 C1IF: Comparator C1 Interrupt Flag bit 1 = Comparator output (C1OUT bit) has changed (must be cleared in software) 0 = Comparator output (C1OUT bit) has not changed bit 4 EEIF: EE Write Operation Interrupt Flag bit 1 = Write operation completed (must be cleared in software) 0 = Write operation has not completed or has not started bit 3 BCLIF: Bus Collision Interrupt Flag bit 1 = A bus collision has occurred in the MSSP when configured for I2C Master mode 0 = No bus collision has occurred bit 2 ULPWUIF: Ultra Low-Power Wake-up Interrupt Flag bit 1 = Wake-up condition has occurred (must be cleared in software) 0 = No Wake-up condition has occurred bit 1 Unimplemented: Read as ‘0’ bit 0 CCP2IF: CCP2 Interrupt Flag bit Capture mode: 1 = A TMR1 register capture occurred (must be cleared in software) 0 = No TMR1 register capture occurred Compare mode: 1 = A TMR1 register compare match occurred (must be cleared in software) 0 = No TMR1 register compare match occurred PWM mode: Unused in this mode |