전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24HJ12GP201E/SP 데이터시트(PDF) 79 Page - Microchip Technology

부품명 PIC24HJ12GP201E/SP
상세설명  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/SP 데이터시트(HTML) 79 Page - Microchip Technology

Back Button PIC24HJ12GP201E/SP Datasheet HTML 75Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 76Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 77Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 78Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 79Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 80Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 81Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 82Page - Microchip Technology PIC24HJ12GP201E/SP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 77
PIC24HJ12GP201/202
7.0
OSCILLATOR
CONFIGURATION
The PIC24HJ12GP201/202 oscillator system provides:
• External and internal oscillator options as clock
sources
• An on-chip PLL to scale the internal operating
frequency to the required system clock frequency
• An internal FRC oscillator that can also be used
with the PLL, thereby allowing full-speed
operation without any external clock generation
hardware
• Clock switching between various clock sources
• Programmable clock postscaler for system power
savings
• A Fail-Safe Clock Monitor (FSCM) that detects
clock failure and takes fail-safe measures
• A Clock Control register (OSCCON)
• Nonvolatile Configuration bits for main oscillator
selection.
A simplified diagram of the oscillator system is shown
in Figure 7-1.
FIGURE 7-1:
PIC24HJ12GP201/202 OSCILLATOR SYSTEM DIAGRAM
Note:
This data sheet summarizes the features
of the PIC24HJ12GP201/202 devices. It is
not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“PIC24H Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
PIC24H
Family
Reference
Manual
chapters.
PIC24H
Secondary Oscillator
LPOSCEN
SOSCO
SOSCI
Timer 1
OSCI
OSCO
Primary Oscillator
XTPLL, HSPLL,
XT, HS, EC
FRCDIV<2:0>
WDT, PWRT,
FSCM
FRCDIVN
SOSC
FRCDIV16
ECPLL, FRCPLL
NOSC<2:0> FNOSC<2:0>
Reset
FRC
Oscillator
LPRC
Oscillator
DOZE<2:0>
S3
S1
S2
S1/S3
S7
S6
FRC
LPRC
S0
S5
S4
÷16
Clock Switch
S7
Clock Fail
÷ 2
TUN<5:0>
PLL(1)
FCY
FOSC
Note 1: See Figure 7-2 for PLL details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More