| 전자부품 데이터시트 검색엔진 |
|
PIC24HJ12GP201E/ML 데이터시트(PDF) 217 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24HJ12GP201E/ML 데이터시트(HTML) 217 Page - Microchip Technology |
|
217 / 234 page ![]() © 2007 Microchip Technology Inc. Preliminary DS70282B-page 215 PIC24HJ12GP201/202 FIGURE 21-18: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 0, SSRC<2:0> = 000) FIGURE 21-19: ADC CONVERSION (10-BIT MODE) TIMING CHARACTERISTICS (CHPS<1:0> = 01, SIMSAM = 0, ASAM = 1, SSRC<2:0> = 111, SAMC<4:0> = 00001) AD55 TSAMP Clear SAMP Set SAMP AD61 ADCLK Instruction SAMP AD60 DONE AD1IF Buffer(0) Buffer(1) 1 2 3 4 5 6 8 5 6 7 1 – Software sets AD1CON. SAMP to start sampling. 2 – Sampling starts after discharge period. TSAMP is described in Section 28. “10/12-bit ADC without DMA” 3 – Software clears AD1CON. SAMP to start conversion. 4 – Sampling ends, conversion sequence starts. 5 – Convert bit 9. 8 – One TAD for end of conversion. AD50 7 AD55 8 6 – Convert bit 8. 7 – Convert bit 0. Execution in the “PIC24H Family Reference Manual”. 1 2 3 4 5 6 4 5 6 8 1 – Software sets AD1CON. ADON to start AD operation. 2 – Sampling starts after discharge period. 3 – Convert bit 9. 4 – Convert bit 8. 5 – Convert bit 0. 7 3 6 – One TAD for end of conversion. 7 – Begin conversion of next channel. 8 – Sample for time specified by SAMC<4:0>. TSAMP is described in Section 28. “10/12-bit ADC without DMA” ADCLK Instruction Set ADON Execution SAMP TSAMP AD1IF DONE AD55 AD55 TSAMP AD55 AD50 in the “PIC24H Family Reference Manual”. |