전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24HJ12GP201E/ML 데이터시트(PDF) 75 Page - Microchip Technology

부품명 PIC24HJ12GP201E/ML
상세설명  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/ML 데이터시트(HTML) 75 Page - Microchip Technology

Back Button PIC24HJ12GP201E/ML Datasheet HTML 71Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 72Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 73Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 74Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 75Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 76Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 77Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 78Page - Microchip Technology PIC24HJ12GP201E/ML Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 73
PIC24HJ12GP201/202
REGISTER 6-18:
IPC16: INTERRUPT PRIORITY CONTROL REGISTER 16
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
R/W-1
R/W-0
R/W-0
U-0
U-0
U-0
U-0
—
U1EIP<2:0>
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-7
Unimplemented: Read as ‘0’
bit 6-4
U1EIP<2:0>: UART1 Error Interrupt Priority bits
111 = Interrupt is priority 7 (highest priority interrupt)
•
•
•
001 = Interrupt is priority 1
000 = Interrupt source is disabled
bit 3-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More