전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F010-I/P 데이터시트(PDF) 78 Page - Microchip Technology

부품명 PIC16F010-I/P
상세설명  8/14-Pin, 8-Bit Flash Microcontroller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F010-I/P 데이터시트(HTML) 78 Page - Microchip Technology

Back Button PIC16F010-I/P Datasheet HTML 74Page - Microchip Technology PIC16F010-I/P Datasheet HTML 75Page - Microchip Technology PIC16F010-I/P Datasheet HTML 76Page - Microchip Technology PIC16F010-I/P Datasheet HTML 77Page - Microchip Technology PIC16F010-I/P Datasheet HTML 78Page - Microchip Technology PIC16F010-I/P Datasheet HTML 79Page - Microchip Technology PIC16F010-I/P Datasheet HTML 80Page - Microchip Technology PIC16F010-I/P Datasheet HTML 81Page - Microchip Technology PIC16F010-I/P Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 116 page
background image
PIC12F510/16F506
DS41268C-page 76
Preliminary
© 2007 Microchip Technology Inc.
IORWF
Inclusive OR W with f
Syntax:
[ label ]
IORWF
f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(W).OR. (f)
→ (dest)
Status Affected:
Z
Description:
Inclusive OR the W register with
register ‘f’. If ‘d’ is ‘0’, the result is
placed in the W register. If ‘d’ is ‘1’,
the result is placed back in register
‘f’.
MOVF
Move f
Syntax:
[ label ]
MOVF f,d
Operands:
0
≤ f ≤ 31
d
∈ [0,1]
Operation:
(f)
→ (dest)
Status Affected:
Z
Description:
The contents of register ‘f’ are
moved to destination ‘d’. If ‘d’ is ‘0’,
destination is the W register. If ‘d’
is ‘1’, the destination is file
register ‘f’. ‘d’ = 1 is useful as a
test of a file register, since Status
flag Z is affected.
MOVLW
Move Literal to W
Syntax:
[ label ]
MOVLW k
Operands:
0
≤ k ≤ 255
Operation:
k
→ (W)
Status Affected:
None
Description:
The eight-bit literal ‘k’ is loaded
into the W register. The “don’t
cares” will be assembled as ‘0’s.
MOVWF
Move W to f
Syntax:
[ label ]
MOVWF
f
Operands:
0
≤ f ≤ 31
Operation:
(W)
→ (f)
Status Affected:
None
Description:
Move data from the W register to
register ‘f’.
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Description:
No operation.
OPTION
Load OPTION Register
Syntax:
[ label ]
Option
Operands:
None
Operation:
(W)
→ Option
Status Affected:
None
Description:
The content of the W register is
loaded into the OPTION register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More