전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24HJ12GP202E/ML 데이터시트(PDF) 99 Page - Microchip Technology

부품명 PIC24HJ12GP202E/ML
상세설명  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP202E/ML 데이터시트(HTML) 99 Page - Microchip Technology

Back Button PIC24HJ12GP202E/ML Datasheet HTML 95Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 96Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 97Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 98Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 99Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 100Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 101Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 102Page - Microchip Technology PIC24HJ12GP202E/ML Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 97
PIC24HJ12GP201/202
REGISTER 9-2:
RPINR1: PERIPHERAL PIN SELECT INPUT REGISTER 1
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—INT2R<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented: Read as ‘0’
bit 4-0
INT2R<4:0>: Assign External Interrupt 2 (INTR2) to the corresponding RPn pin bits
11111 = Input tied to VSS
01111 = Input tied to RP15
•
•
•
00001 = Input tied to RP1
00000 = Input tied to RP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More