| 전자부품 데이터시트 검색엔진 |
|
PIC16F685-E/PSQTP 데이터시트(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/PSQTP 데이터시트(HTML) 96 Page - Microchip Technology |
|
96 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 94 © 2007 Microchip Technology Inc. FIGURE 8-2: COMPARATOR C1 SIMPLIFIED BLOCK DIAGRAM FIGURE 8-3: COMPARATOR C2 SIMPLIFIED BLOCK DIAGRAM C1POL C1OUT RD_CM1CON0 Set C1IF To DQ EN Q1 Data Bus C1POL DQ EN CL Q3*RD_CM1CON0 NRESET MUX C1 0 1 2 3 C1ON(1) C1CH<1:0> 2 C1VIN- C1VIN+ C12IN0- C12IN1- C12IN2- C12IN3- + - Note 1: When C1ON = 0, the C1 comparator will produce a ‘0’ output to the XOR Gate. 2: Q1 and Q3 are phases of the four-phase system clock (FOSC). 3: Q1 is held high during Sleep mode. 0 1 C1R MUX C1IN+ 0 1 MUX To other peripherals C1OUT (to SR latch) CVREF C1VREN FixedRef MUX C2 C2POL C2OUT 0 1 2 3 C2ON(1) C2CH<1:0> 2 From TMR1 Clock DQ EN DQ EN CL DQ RD_CM2CON0 Q3*RD_CM2CON0 Q1 Set C2IF To NRESET C2VIN- C2VIN+ C12IN0- C12IN1- C2IN2- C2IN3- 0 1 C2SYNC C2POL Data Bus MUX Note 1: When C2ON = 0, the C2 comparator will produce a ‘0’ output to the XOR Gate. 2: Q1 and Q3 are phases of the four-phase system clock (FOSC). 3: Q1 is held high during Sleep mode. 0 1 C2R CVREF MUX C2IN+ 0 1 MUX SYNCC2OUT to Timer1 Gate, SR latch C2VREN FixedRef and other peripherals |