| 전자부품 데이터시트 검색엔진 |
|
PIC12F609-E/STSQTP 데이터시트(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F609-E/STSQTP 데이터시트(HTML) 38 Page - Microchip Technology |
|
38 / 168 page ![]() PIC12F609/615/12HV609/615 DS41302A-page 36 Preliminary © 2006 Microchip Technology Inc. 4.2.4.3 GP2/AN2(1)/T0CKI/INT/COUT/CCP1(1)/ P1A(1) Figure 4-2 shows the diagram for this pin. The GP2 pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (1) • the clock input for TMR0 • an external edge triggered interrupt • a digital output from Comparator • a Capture input/Compare input/PWM output (1) • a PWM output (1) FIGURE 4-2: BLOCK DIAGRAM OF GP2 Note 1: PIC12F615/HV615 only. VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak RD GPIO RD WR WR RD WR IOC RD IOC Interrupt-on- To INT Analog(1) Input Mode GPPU Analog(1) Input Mode Change Q1 WR RD WPU Data Bus WPU GPIO TRISIO TRISIO GPIO Note 1: Comparator mode and ANSEL determines Analog Input mode. 2: Set has priority over Reset. 3: PIC12F615/HV615 only. To A/D Converter(3) I/O Pin S(2) R Q From other GP<5:3, 1:0> pins Write ‘0’ to GBIF 0 1 C1OE C1OE Enable To Timer0 |