| 전자부품 데이터시트 검색엔진 |
|
PIC16F685-E/SSSQTP 데이터시트(PDF) 66 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F685-E/SSSQTP 데이터시트(HTML) 66 Page - Microchip Technology |
|
66 / 294 page ![]() PIC16F631/677/685/687/689/690 DS41262D-page 64 © 2007 Microchip Technology Inc. 4.2.5 PIN DESCRIPTIONS AND DIAGRAMS Each PORTA pin is multiplexed with other functions. The pins and their combined functions are briefly described here. For specific information about individual functions such as the comparator or the A/D Converter (ADC), refer to the appropriate section in this data sheet. 4.2.5.1 RA0/AN0/C1IN+/ICSPDAT/ULPWU Figure 4-2 shows the diagram for this pin. The RA0/AN0/C1IN+/ICSPDAT/ULPWU pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • an analog input to Comparator C1 • In-Circuit Serial Programming™ data • an analog input for the Ultra Low-Power Wake-up FIGURE 4-1: BLOCK DIAGRAM OF RA0 I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak RD PORTA RD WR WR RD WR IOCA RD IOCA Interrupt-on-Change To Comparator Analog(1) Input Mode RABPU Analog(1) Input Mode Q3 WR RD 01 IULP WPUDA Data Bus WPUDA PORTA TRISA TRISA PORTA Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. - +VT ULPWUE To A/D Converter(2) VSS |