전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F887-E/ML 데이터시트(PDF) 56 Page - Microchip Technology

부품명 PIC16F887-E/ML
상세설명  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F887-E/ML 데이터시트(HTML) 56 Page - Microchip Technology

Back Button PIC16F887-E/ML Datasheet HTML 52Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 53Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 54Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 55Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 56Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 57Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F887-E/ML Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 288 page
background image
PIC16F882/883/884/886/887
DS41291D-page 54
Preliminary
© 2007 Microchip Technology Inc.
3.5.1
RC0/T1OSO/T1CKI
Figure 3-11 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a Timer1 oscillator output
• a Timer1 clock input
FIGURE 3-11:
BLOCK DIAGRAM OF RC0
3.5.2
RC1/T1OSI/CCP2
Figure 3-12 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a Timer1 oscillator input
• a Capture input and Compare/PWM output for
Comparator C2
FIGURE 3-12:
BLOCK DIAGRAM OF RC1
3.5.3
RC2/P1A/CCP1
Figure 3-13 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a PWM output
• a Capture input and Compare output for
Comparator C1
FIGURE 3-13:
BLOCK DIAGRAM OF RC2
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTC
WR
PORTC
WR
TRISC
RD
TRISC
To Timer1 clock input
T1OSCEN
Circuit
Timer1 Oscillator
I/O Pin
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data Bus
RD
PORTC
WR
PORTC
WR
TRISC
RD
TRISC
To CCP2
CCP2
CCP2CON
0
1
1
0
T1OSCEN
T1OSCEN
Circuit
Timer1 Oscillator
T1OSI
VDD
VSS
D
Q
CK
Q
D
Q
CK
Q
Data bus
WR
PORTC
WR
TRISC
RD
TRISC
To Enhanced CCP1
RD
PORTC
CCP1/P1A
CCP1CON
0
1
1
0
I/O Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More