전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F258-I/SOSQTP 데이터시트(PDF) 14 Page - Microchip Technology

부품명 PIC18F258-I/SOSQTP
상세설명  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/SOSQTP 데이터시트(HTML) 14 Page - Microchip Technology

Back Button PIC18F258-I/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 14Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 15Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 16Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 17Page - Microchip Technology PIC18F258-I/SOSQTP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 402 page
background image
PIC18FXX8
DS41159E-page 12
© 2006 Microchip Technology Inc.
PORTB is a bidirectional I/O port.
PORTB can be software
programmed for internal weak
pull-ups on all inputs.
RB0/INT0
RB0
INT0
21
33
8
36
I/O
I
TTL
ST
Digital I/O.
External interrupt 0.
RB1/INT1
RB1
INT1
22
34
9
37
I/O
I
TTL
ST
Digital I/O.
External interrupt 1.
RB2/CANTX/INT2
RB2
CANTX
INT2
23
35
10
38
I/O
O
I
TTL
TTL
ST
Digital I/O.
Transmit signal for CAN bus.
External interrupt 2.
RB3/CANRX
RB3
CANRX
24
36
11
39
I/O
I
TTL
TTL
Digital I/O.
Receive signal for CAN bus.
RB4
25
371441
I/O
TTL
Digital I/O.
Interrupt-on-change pin.
RB5/PGM
RB5
PGM
26
38
15
42
I/O
I
TTL
ST
Digital I/O.
Interrupt-on-change pin.
Low-voltage ICSP™
programming enable.
RB6/PGC
RB6
PGC
27
39
16
43
I/O
I
TTL
ST
Digital I/O. In-Circuit
Debugger pin.
Interrupt-on-change pin.
ICSP programming clock.
RB7/PGD
RB7
PGD
28
40
17
44
I/O
I/O
TTL
ST
Digital I/O. In-Circuit
Debugger pin.
Interrupt-on-change pin.
ICSP programming data.
TABLE 1-2:
PIC18FXX8 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F248/258
PIC18F448/458
SPDIP, SOIC
PDIP
TQFP
PLCC
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More