| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-E/SOSQTP 데이터시트(PDF) 205 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/SOSQTP 데이터시트(HTML) 205 Page - Microchip Technology |
|
205 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 203 PIC18FXX8 EXAMPLE 19-1: WIN AND ICODE BITS USAGE IN INTERRUPT SERVICE ROUTINE TO ACCESS TX/RX BUFFERS ; Save application required context. ; Poll interrupt flags and determine source of interrupt ; This was found to be CAN interrupt ; TempCANCON and TempCANSTAT are variables defined in Access Bank low MOVFF CANCON, TempCANCON ; Save CANCON.WIN bits ; This is required to prevent CANCON ; from corrupting CAN buffer access ; in-progress while this interrupt ; occurred MOVFF CANSTAT, TempCANSTAT ; Save CANSTAT register ; This is required to make sure that ; we use same CANSTAT value rather ; than one changed by another CAN ; interrupt. MOVF TempCANSTAT, W ; Retrieve ICODE bits ANDLW b’00001110’ ADDWF PCL, F ; Perform computed GOTO ; to corresponding interrupt cause BRA NoInterrupt ; 000 = No interrupt BRA ErrorInterrupt ; 001 = Error interrupt BRA TXB2Interrupt ; 010 = TXB2 interrupt BRA TXB1Interrupt ; 011 = TXB1 interrupt BRA TXB0Interrupt ; 100 = TXB0 interrupt BRA RXB1Interrupt ; 101 = RXB1 interrupt BRA RXB0Interrupt ; 110 = RXB0 interrupt ; 111 = Wake-up on interrupt WakeupInterrupt BCF PIR3, WAKIF ; Clear the interrupt flag ; ; User code to handle wake-up procedure ; ; ; Continue checking for other interrupt source or return from here … NoInterrupt … ; PC should never vector here. User may ; place a trap such as infinite loop or pin/port ; indication to catch this error. ErrorInterrupt BCF PIR3, ERRIF ; Clear the interrupt flag … ; Handle error. RETFIE TXB2Interrupt BCF PIR3, TXB2IF ; Clear the interrupt flag GOTO AccessBuffer TXB1Interrupt BCF PIR3, TXB1IF ; Clear the interrupt flag GOTO AccessBuffer TXB0Interrupt BCF PIR3, TXB0IF ; Clear the interrupt flag GOTO AccessBuffer RXB1Interrupt BCF PIR3, RXB1IF ; Clear the interrupt flag GOTO Accessbuffer |