전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F258-E/SOSQTP 데이터시트(PDF) 11 Page - Microchip Technology

부품명 PIC18F258-E/SOSQTP
상세설명  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP 데이터시트(HTML) 11 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 7Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 8Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 9Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 10Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 11Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 12Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 13Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 14Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 9
PIC18FXX8
FIGURE 1-2:
PIC18F448/458 BLOCK DIAGRAM
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
Instruction
Decode &
Control
OSC1/CLKI
OSC2/CLKO/RA6
MCLR
VDD, VSS
PORTA
PORTB
PORTC
RA4/T0CKI
RA5/AN4/SS/LVDIN
RB0/INT0
RB4
RC0/T1OSO/T1CKI
RC1/T1OSI
RC2/CCP1
RC3/SCK/SCL
RC4/SDI/SDA
RC5/SDO
RC6/TX/CK
RC7/RX/DT
Brown-out
Reset
Comparators
RA3/AN3/VREF+
RA2/AN2/VREF-
RA1/AN1
RA0/AN0/CVREF
Timing
Generation
RB1/INT1
Data Latch
Data RAM
up to 1536 Kbytes
Address Latch
Address<12>
12
Bank0, F
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Decode
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
W
8
BITOP
8
8
ALU<8>
8
Test Mode
Select
Address Latch
Program Memory
up to 32 Kbytes
Data Latch
21
21
16
8
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
ROM Latch
PORTD
RD0/PSP0/C1IN+
Enhanced
RB2/CANTX/INT2
RB3/CANRX
T1OSI
T1OSO
PCLATU
PCU
Precision
Reference
Band Gap
PORTE
RE0/AN5/RD
CCP
RB7/PGD
RB5/PGM
RB6/PGC
RD4/PSP4/ECCP1/P1A
RD5/PSP5/P1B
RD6/PSP6/P1C
RD7/PSP7/P1D
RE1/AN6/WR//C1OUT
RE2/AN7/CS/C2OUT
RD1/PSP1/C1IN-
RD2/PSP2/C2IN+
RD3/PSP3/C2IN-
4X
PLL
Band Gap
OSC2/CLKO/RA6
USART
Synchronous
Timer0
Timer1
Timer2
Serial Port
CAN Module
10-bit
ADC
Timer3
PBOR
PLVD
CCP1
Data EEPROM
USART
Parallel
Slave Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More