전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F258-E/SOSQTP 데이터시트(PDF) 259 Page - Microchip Technology

부품명 PIC18F258-E/SOSQTP
상세설명  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP 데이터시트(HTML) 259 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 255Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 256Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 257Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 258Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 259Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 261Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 262Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 263Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 257
PIC18FXX8
FIGURE 22-2:
VOLTAGE REFERENCE OUTPUT BUFFER EXAMPLE
TABLE 22-1:
REGISTERS ASSOCIATED WITH COMPARATOR VOLTAGE REFERENCE
CVREF Output
+
–
•
•
CVREF
Module
Voltage
Reference
Output
Impedance
R(1)
RA0/AN0
Note 1: R is dependent upon the voltage reference configuration CVRCON<3:0> and CVRCON<5>.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
Resets
CVRCON
CVREN CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000 0000 0000
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000 0000 0000
TRISA
—
TRISA6 TRISA5 TRISA4 TRISA3
TRISA2
TRISA1 TRISA0 -111 1111 -111 1111
Legend: x = unknown, u = unchanged, - = unimplemented, read as ‘0’.
Shaded cells are not used with the comparator voltage reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More