| 전자부품 데이터시트 검색엔진 |
|
PIC16F631-E/SS 데이터시트(PDF) 67 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F631-E/SS 데이터시트(HTML) 67 Page - Microchip Technology |
|
67 / 294 page ![]() © 2007 Microchip Technology Inc. DS41262D-page 65 PIC16F631/677/685/687/689/690 4.2.5.2 RA1/AN1/C12IN0-/VREF/ICSPCLK Figure 4-2 shows the diagram for this pin. The RA1/AN1/C12IN0-/VREF/ICSPCLK pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • an analog input to Comparator C1 or C2 • a voltage reference input for the ADC • In-Circuit Serial Programming clock FIGURE 4-2: BLOCK DIAGRAM OF RA1 4.2.5.3 RA2/AN2/T0CKI/INT/C1OUT Figure 4-3 shows the diagram for this pin. The RA2/AN2/T0CKI/INT/C1OUT pin is configurable to function as one of the following: • a general purpose I/O • an analog input for the ADC (except PIC16F631) • the clock input for TMR0 • an external edge triggered interrupt • a digital output from Comparator C1 FIGURE 4-3: BLOCK DIAGRAM OF RA2 I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Data Bus WR WPUA RD WPUA RD PORTA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA Interrupt-on- To Comparator Analog(1) Input Mode RABPU Analog(1) Input Mode Change Q3 Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. To A/D Converter(2) I/O Pin VDD VSS D Q CK Q D Q CK Q D Q CK Q D Q CK Q VDD D EN Q D EN Q Weak Analog(1) Input Mode Data Bus WR WPUA RD WPUA RD PORTA WR PORTA WR TRISA RD TRISA WR IOCA RD IOCA To A/D Converter(2) 0 1 C1OUT C1OUT Enable To INT To TMR0 Analog(1) Input Mode RABPU RD PORTA Interrupt-on- Change Q3 Note 1: ANSEL determines Analog Input mode. 2: Not implemented on PIC16F631. |