| 전자부품 데이터시트 검색엔진 |
|
PIC18F258-E/PSQTP 데이터시트(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PSQTP 데이터시트(HTML) 15 Page - Microchip Technology |
|
15 / 402 page ![]() © 2006 Microchip Technology Inc. DS41159E-page 13 PIC18FXX8 PORTC is a bidirectional I/O port. RC0/T1OSO/T1CKI RC0 T1OSO T1CKI 11 15 32 16 I/O O I ST — ST Digital I/O. Timer1 oscillator output. Timer1/Timer3 external clock input. RC1/T1OSI RC1 T1OSI 12 16 35 18 I/O I ST CMOS Digital I/O. Timer1 oscillator input. RC2/CCP1 RC2 CCP1 13 17 36 19 I/O I/O ST ST Digital I/O. Capture 1 input/Compare 1 output/PWM1 output. RC3/SCK/SCL RC3 SCK SCL 14 18 37 20 I/O I/O I/O ST ST ST Digital I/O. Synchronous serial clock input/output for SPI™ mode. Synchronous serial clock input/output for I2C™ mode. RC4/SDI/SDA RC4 SDI SDA 15 23 42 25 I/O I I/O ST ST ST Digital I/O. SPI data in. I2C data I/O. RC5/SDO RC5 SDO 16 24 43 26 I/O O ST — Digital I/O. SPI data out. RC6/TX/CK RC6 TX CK 17 25 44 27 I/O O I/O ST — ST Digital I/O. USART asynchronous transmit. USART synchronous clock (see RX/DT). RC7/RX/DT RC7 RX DT 18 26 1 29 I/O I I/O ST ST ST Digital I/O. USART asynchronous receive. USART synchronous data (see TX/CK). TABLE 1-2: PIC18FXX8 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PIC18F248/258 PIC18F448/458 SPDIP, SOIC PDIP TQFP PLCC Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P = Power OD = Open-Drain (no P diode to VDD) |