전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F258-E/P 데이터시트(PDF) 96 Page - Microchip Technology

부품명 PIC18F258-E/P
상세설명  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/P 데이터시트(HTML) 96 Page - Microchip Technology

Back Button PIC18F258-E/P Datasheet HTML 92Page - Microchip Technology PIC18F258-E/P Datasheet HTML 93Page - Microchip Technology PIC18F258-E/P Datasheet HTML 94Page - Microchip Technology PIC18F258-E/P Datasheet HTML 95Page - Microchip Technology PIC18F258-E/P Datasheet HTML 96Page - Microchip Technology PIC18F258-E/P Datasheet HTML 97Page - Microchip Technology PIC18F258-E/P Datasheet HTML 98Page - Microchip Technology PIC18F258-E/P Datasheet HTML 99Page - Microchip Technology PIC18F258-E/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 402 page
background image
PIC18FXX8
DS41159E-page 94
© 2006 Microchip Technology Inc.
FIGURE 9-1:
RA3:RA0 AND RA5 PINS
BLOCK DIAGRAM
FIGURE 9-2:
RA4/T0CKI PIN BLOCK
DIAGRAM
FIGURE 9-3:
OSC2/CLKO/RA6 PIN BLOCK DIAGRAM
Data Bus
P
N
WR LATA
WR TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
VSS
VDD
I/O pin(1)
Note 1:
I/O pins have diode protection to VDD and VSS.
Analog
Input Mode
TTL
Input
Buffer
To A/D Converter and LVD Modules
RD LATA
or
WR PORTA
SS Input (RA5 only)
Q
D
Q
CK
Q
D
Q
CK
QD
EN
Data Bus
WR TRISA
RD PORTA
Data Latch
TRIS Latch
RD TRISA
Schmitt
Trigger
Input
Buffer
N
VSS
I/O pin(1)
TMR0 Clock Input
Note 1: I/O pin has diode protection to VSS only.
Q
D
Q
CK
Q
D
Q
CK
QD
EN
RD LATA
WR LATA or
WR PORTA
TTL
Input
Buffer
Data Bus
P
N
WR PORTA
WR TRISA
Data Latch
TRIS Latch
RD TRISA
RD PORTA
VSS
VDD
Oscillator
Circuit
From OSC1
1
0
(FOSC = 101, 111)
Data Latch
CLKO (FOSC/4)
OSC2/CLKO
RA6 pin(2)
(FOSC = 100,
Schmitt
Trigger
Input Buffer
(FOSC = 110, 100)
Q
D
Q
CK
Q
D
Q
CK
QD
EN
101
, 110, 111)
Note
1: CLKO is 1/4 of FOSC.
2: I/O pin has diode protection to VDD and VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More