전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LIS244AL 데이터시트(PDF) 12 Page - STMicroelectronics

부품명 LIS244AL
상세설명  MEMS motion sensor:2-axis - ±2g ultracompact linear accelerometer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS244AL 데이터시트(HTML) 12 Page - STMicroelectronics

Back Button LIS244AL Datasheet HTML 7Page - STMicroelectronics LIS244AL Datasheet HTML 8Page - STMicroelectronics LIS244AL Datasheet HTML 9Page - STMicroelectronics LIS244AL Datasheet HTML 10Page - STMicroelectronics LIS244AL Datasheet HTML 11Page - STMicroelectronics LIS244AL Datasheet HTML 12Page - STMicroelectronics LIS244AL Datasheet HTML 13Page - STMicroelectronics LIS244AL Datasheet HTML 14Page - STMicroelectronics LIS244AL Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Package information
LIS244AL
12/15
5
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15