| 전자부품 데이터시트 검색엔진 |
|
E53-CKB 데이터시트(PDF) 14 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E53-CKB 데이터시트(HTML) 14 Page - Omron Electronics LLC |
|
14 / 22 page ![]() I-76 Digital Controller E5CK Level 2 Mode lcl m s p r u 0 0 0.0 0.0 105.0 -5.0 0.0 0 i n f 0.02 0.02 0.0 s p r t l b a m U - s o r l a l h 1 i n s h r - l m U - e o l - h o l - l a l h 2 0.0 i n s l Remote/Local Used for the communications function. SP Ramp Time Unit SP Ramp Set Value LBA Detection Time Available only when the LBA (loop break alarm) function of the Controller is selected. MV at Stop MV at PV Error MV Upper Limit MV Lower Limit MV Change Rate Limit Input Digital Filter Alarm 1 Hysteresis Available only when the Controller has an alarm output. Alarm 2 Hysteresis Available only when the Controller has an alarm output. Input Shift Upper Limit Input Shift Lower Limit Available if the input type connected to the Controller is a thermocouple or platinum resistance thermometer. Available if the input type connected to the Controller is a thermocouple or platinum resistance thermometer. |