전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW5094ADT 데이터시트(PDF) 16 Page - STMicroelectronics

부품명 STW5094ADT
상세설명  18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW5094ADT 데이터시트(HTML) 16 Page - STMicroelectronics

Back Button STW5094ADT Datasheet HTML 12Page - STMicroelectronics STW5094ADT Datasheet HTML 13Page - STMicroelectronics STW5094ADT Datasheet HTML 14Page - STMicroelectronics STW5094ADT Datasheet HTML 15Page - STMicroelectronics STW5094ADT Datasheet HTML 16Page - STMicroelectronics STW5094ADT Datasheet HTML 17Page - STMicroelectronics STW5094ADT Datasheet HTML 18Page - STMicroelectronics STW5094ADT Datasheet HTML 19Page - STMicroelectronics STW5094ADT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
STw5094A
16/51
Control Register CR2A Functions (Address: 0x02) (Active when MSM=0 and OCE=0 in CR17)
(1) Significant in companded mode only. CR2A is available only if Master mode and OCK out in CR17 are not enabled (MSM=0 and OCE=0).
Control Register CR2B Functions (Address: 0x02) (Active when MSM=1 or OCE=1 in CR17)
(1) CR2B is available only if the Master mode or OCK out in CR17 are enabled (MSM=1 or OCE=1, and SPIM=0).
Control Registers CR3A Functions (Address: 0x03) (Active when MSM=0 and OCE=0 in CR17)
(1) Significant in companded mode only. CR3A is available only if Master mode and OCK out in CR17 are not enabled (MSM=0 and OCE=0).
Control Registers CR3B Functions (Address: 0x03) (Active when MSM=1 or OCE=1 in CR17)
(1) CR3B is available only if the Master mode or OCK out in CR17 are enabled (MSM=1 or OCE=1, and SPIM=0).
Control Register CR4 Functions (Address: 0x04)
*: state at power on initialization
7654
3210
Function
DRD(7:0)
msb
lsb
Data sent to Receive path or Data received from DR input (1)
7654
3210
Function
DIVL(7:0)
msb
lsb
Least significant byte of the frequency division factor
for LRCK,SCK and OCK generation.
(1)
7654
3210
Function
DXD(7:0)
msb
lsb
DX data transmitted
(1)
7654
3210
Function
DIVH(7:0)
msb
lsb
Most significant byte of the frequency division factor
for LRCK, SCK and OCK generation.
(1)
7654
3210
Function
MS(1:0)
MB
PG
TXA(3:0)
0
0
1
1
0
1
0
1
Transmit input muted
*
MIC1 Selected
MIC2 Selected
MIC3 Selected
0
1
MBIAS output disabled
*
MBIAS output enabled
0
1
20dB preamplifier gain
*
0dB preamplifier gain
0
0
-
1
0
0
-
1
0
0
-
1
0
1
-
1
0 dB Transmit Amplifier gain
*
1.5 dB Transmit Amplifier gain
Transmit Amplifier in 1.5 dB step
22.5 dB Transmit Amplifier gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com