| 전자부품 데이터시트 검색엔진 |
|
E5C2-R20JD 데이터시트(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5C2-R20JD 데이터시트(HTML) 1 Page - Omron Electronics LLC |
|
1 / 6 page ![]() Temperature Controller E5C2 I-5 Temperature Controller E5C2 DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting • Compact, low-cost Temperature Controller. • Incorporates proportional control and reset adjustment function. • Consecutive mounting possible using mounting adapter. • Incorporates a plug-in socket, thus allows to DIN-track and flush mounting. Model Number Structure I Model Number Legend 1. Model name 2. Control output R: Relay Q: Voltage 3. Control method 20: ON-OFF control 40: P control 4. Input type K: K-type thermocouple J: J-type thermocouple P: Platinum resistance thermometer (Jpt100) G: Thermistor (THE) 5. Special type Blank: Standard type D, DIN: Special types Ordering Information I Temperature Controllers Note: When placing an order, specify the standard temperature range and supply voltage in addition to the model number. (e.g., E5C2-R20K 0 °C to 200°C 100/110 VAC) I Accessories (Order Separately) 12 3 45 E5C2- @ @ @ @ Setting method Indication method Control mode Output Model Thermocouple Platinum resistance thermometer Pt100 Thermistor THE K (CA) Chromel vs. alumel J (IC) Iron vs. constantan Analog setting No indication ON/OFF Relay E5C2-R20K E5C2-R20J E5C2-R20P-D E5C2-R20G P Relay E5C2-R40K E5C2-R40J E5C2-R40P-D --- Name Model Front Connecting Socket P2CF-08 Back Connecting Socket (for flush mounting) P3G-08 Front Connecting Socket with Finger Protection P2CF-08-E Protective Cover (for finger protection) Y92A-48G |
유사한 부품 번호 - E5C2-R20JD |
|
유사한 설명 - E5C2-R20JD |