| 전자부품 데이터시트 검색엔진 |
|
PACE1753 데이터시트(PDF) 7 Page - Pyramid Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
PACE1753 데이터시트(HTML) 7 Page - Pyramid Semiconductor Corporation |
|
7 / 21 page ![]() PACE1753 Page 7 of 21 Document # MICRO-4 REV D Case Outline: Pin Grid Array (Case Z) Terminal Terminal Terminal Terminal Terminal Terminal Number Symbol Number Symbol Number Symbol B1 IB14 L5 EDC1 D11 AS0 B2 IB13 K5 EDC0 D10 AS1 C1 IB12 L6 GND C11 AS2 C2 IB11 K6 VCC C10 AS3 D1 IB10 L7 BUS REQ 1 B11 VCC D2 BUS GNT 3 K7 BUS LOCK A10 GND E1 IB9 L8 BUS GNT 0 B10 EXT ADR7 E2 IB8 K8 RDYA A9 EXT ADR6 F1 BUS REQ 3 L9 M/ IO B9 EXT ADR5 F2 IB7 K9 D/ I A8 EXT ADR4 G1 IB6 L10 R/ W B8 EXT ADR3 G2 IB5 K11 WR PROT/PROT FLAG A7 EXT ADR2 H1 IB4 K10 EX RDY B7 EXT ADR1 H2 IB3 J11 BUS REQ 0 A6 EXT ADR0 J1 IB2 J10 STRBD B6 GND J2 IB1 H11 STRBA A5 DMA ACK K1 IB0 H10 CLK B5 SING ERR L2 BUS GNT 2 G11 AK0 A4 RAM DIS K2 EDC5 G10 AK1 B4 EXT ADR ERR L3 EDC4 F11 BUS GNT 1 A3 MEM PAR ERR K3 EDC3 F10 AK2 B3 MEM PRT ERR L4 RESET E11 AK3 A2 IB15 K4 EDC2 E10 BUS REQ 2 TERMINAL CONNECTIONS |