전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5321-BL 데이터시트(PDF) 8 Page - Cirrus Logic

부품명 CS5321-BL
상세설명  24-bit, Variable-bandwidth A/D Converter Chipset
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5321-BL 데이터시트(HTML) 8 Page - Cirrus Logic

Back Button CS5321-BL Datasheet HTML 4Page - Cirrus Logic CS5321-BL Datasheet HTML 5Page - Cirrus Logic CS5321-BL Datasheet HTML 6Page - Cirrus Logic CS5321-BL Datasheet HTML 7Page - Cirrus Logic CS5321-BL Datasheet HTML 8Page - Cirrus Logic CS5321-BL Datasheet HTML 9Page - Cirrus Logic CS5321-BL Datasheet HTML 10Page - Cirrus Logic CS5321-BL Datasheet HTML 11Page - Cirrus Logic CS5321-BL Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
CS5321/22
8
DS454F3
CS5322 FILTER CHARACTERISTICS (T
A = (See Note 1); VD+ = 5.0 V; GND = 0 V;
CLKIN = 1.024 MHz; transfer function shown in Figure 3; unless otherwise specified.)
Notes: 22. GSB = -130 dB for all Output Word Rates.
Output Word Rate
f0 (Hz)
Passband f1
(Hz)
Passband Flatness
RPB (dB)
-3dB Freq. f2
(Hz)
Stopband f3 (Hz)
(Note 22)
Group Delay
(ms)
4000
2000
1000
500
250
125
62.5
1500
750
375
187.5
93.8
46.9
23.4
0.2
0.04
0.08
0.1
0.1
0.1
0.1
1652.5
824.3
411.9
205.9
102.9
51.5
25.7
2000
1000
500
250
125
62.5
31.25
7.25
14.5
29
58
116
232
464
f1
f2
f3
f
dB
0
G SB
-13 0
-3
Figure 3. CS5322 Filter Response
Figure 4. CS5322 Digital Filter Passband Ripple
f0 = 62.5 Hz
Figure 5. CS5322 Digital Filter Passband Ripple
f0 = 125 Hz
Figure 6. CS5322 Digital Filter Passband Ripple
f0 = 250 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com