전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5366-CQZ 데이터시트(PDF) 17 Page - Cirrus Logic

부품명 CS5366-CQZ
상세설명  114 dB, 192 kHz, 6-Channel A/D Converter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5366-CQZ 데이터시트(HTML) 17 Page - Cirrus Logic

Back Button CS5366-CQZ Datasheet HTML 13Page - Cirrus Logic CS5366-CQZ Datasheet HTML 14Page - Cirrus Logic CS5366-CQZ Datasheet HTML 15Page - Cirrus Logic CS5366-CQZ Datasheet HTML 16Page - Cirrus Logic CS5366-CQZ Datasheet HTML 17Page - Cirrus Logic CS5366-CQZ Datasheet HTML 18Page - Cirrus Logic CS5366-CQZ Datasheet HTML 19Page - Cirrus Logic CS5366-CQZ Datasheet HTML 20Page - Cirrus Logic CS5366-CQZ Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
DS626F2
17
CS5366
SWITCHING SPECIFICATIONS - CONTROL PORT - I²C TIMING
Inputs: Logic 0 = DGND, Logic 1 = VLC, SDA CL =30pF
Notes:
1. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
Figure 5. I²C Timing
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
600
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
µs
Clock Low time
tlow
4.7
Clock High Time
thigh
4.0
Setup Time for Repeated Start Condition
tsust
4.7
SDA Hold Time from SCL Falling
(Note 1)
thdd
0
SDA Setup time to SCL Rising
tsud
600
ns
Rise Time of SCL and SDA
trc
-1
µs
Fall Time SCL and SDA
tfc
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
tack
300
1000
ns
t buf
t hdst
t
lo w
t
hdd
t high
t sud
Stop
Start
SD A
SCL
t irs
RS T
t
hdst
t rc
t fc
t sust
t susp
Start
Stop
Re pe at e d
t rd
t fd
t ack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com