전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PCA.1S.303.CLLL32 데이터시트(PDF) 1 Page - LEMO Connectors

부품명 PCA.1S.303.CLLL32
상세설명  S - Indoor Stepped Insert
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEMO [LEMO Connectors]
홈페이지  https://www.lemo.com/en
Logo LEMO - LEMO Connectors

PCA.1S.303.CLLL32 데이터시트(HTML) 1 Page - LEMO Connectors

  PCA.1S.303.CLLL32 Datasheet HTML 1Page - LEMO Connectors PCA.1S.303.CLLL32 Datasheet HTML 2Page - LEMO Connectors PCA.1S.303.CLLL32 Datasheet HTML 3Page - LEMO Connectors PCA.1S.303.CLLL32 Datasheet HTML 4Page - LEMO Connectors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.lemo.com/int_en/solutions/originals/s-indoor-stepped-insert/pca-1s-303-clll32.html
LEMO products and services are provided “as is”. LEMO makes no warranties or representations with regard to LEMO product & services or use of them,
express, implied or statutory, including for accuracy, completeness, or security. The user is fully responsible for his products and applications using LEMO
components.
PCA.1S.303.CLLL32
Image for illustrative purpose only
Summary
Request a quote
Catalog
Number of contacts Low Voltage
3
Wire Size/AWG
30 - 22
Socket / Receptacle
Socket / Receptacle - Free
Locking system
Push-pull
Jacket cable outside diameter [mm]
2.20 - 3.20 mm
Size
1S
Suggested matching part
FFA.1S.303.CLAL32
Series
S - Indoor Stepped Insert


유사한 부품 번호 - PCA.1S.303.CLLL32

제조업체부품명데이터시트상세설명
logo
LEMO Connectors
PCA.1S.303.CLLL42 LEMO-PCA.1S.303.CLLL42 Datasheet
77Kb / 4P
S - Indoor Stepped Insert
PCA.1S.303.CLLL57 LEMO-PCA.1S.303.CLLL57 Datasheet
64Kb / 3P
S - Indoor Stepped Insert
PCA.1S.303.CLLL62 LEMO-PCA.1S.303.CLLL62 Datasheet
64Kb / 3P
S - Indoor Stepped Insert
PCA.1S.303.CLLL62Z LEMO-PCA.1S.303.CLLL62Z Datasheet
64Kb / 3P
S - Indoor Stepped Insert
PCA.1S.303.CLLL66 LEMO-PCA.1S.303.CLLL66 Datasheet
64Kb / 3P
S - Indoor Stepped Insert
More results

유사한 설명 - PCA.1S.303.CLLL32

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
2-1103417-3 MACOM-2-1103417-3 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
2-1103417-7 MACOM-2-1103417-7 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
2-1103417-8 MACOM-2-1103417-8 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
2-1103417-9 MACOM-2-1103417-9 Datasheet
207Kb / 1P
Female insert HA.16.BU.C/S
logo
PHOENIX CONTACT
1421608 PHOENIX-1421608 Datasheet
233Kb / 5P
Contact insert - CUC-INI-C1ZNI-S/R4IE8
1421129 PHOENIX-1421129 Datasheet
236Kb / 5P
Contact insert - CUC-INI-C1ZNI-S/R4IP8
0913016 PHOENIX-0913016 Datasheet
59Kb / 3P
Fuse insert - S 2 A/380 V
09/11/2020
0913032 PHOENIX-0913032 Datasheet
58Kb / 3P
Fuse insert - S 6 A/380 V
09/11/2020
0913058 PHOENIX-0913058 Datasheet
58Kb / 3P
Fuse insert - S 16 A/380 V
09/11/2020
0913100 PHOENIX-0913100 Datasheet
59Kb / 3P
Fuse insert - S 63 A/380 V
09/11/2020
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com