전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSL1101WBAW1CS2 데이터시트(PDF) 6 Page - Rohm

부품명 CSL1101WBAW1CS2
상세설명  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBAW1CS2 데이터시트(HTML) 6 Page - Rohm

Back Button CSL1101WBAW1CS2 Datasheet HTML 2Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 3Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 4Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 5Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 6Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 7Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 8Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 9Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
[CSL1101WBAW1]
    
[Data Sheet]
【 STRUCTURE・ MATERIAL】
No.
APPELLATION
MATERIAL
①
Printed Wiring Board  Glass epoxy
②
Die Bond
 
Resin paste
③
LED Chip
 
InGaN
④
Bonding Wire
 
Gold
⑤
Reflector
 
Thermosetting Resin
⑥
Resin
 
Phosphor / Silicone resin
⑦
Electrode
 
Base plating:Cu,Ni
 
Top plating:Au
6/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24