전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EVLPWD5T60 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 EVLPWD5T60
상세설명  Evaluation board for the PWD5T60 compact high-voltage 3-phase power stage with integrated gate driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVLPWD5T60 데이터시트(HTML) 3 Page - STMicroelectronics

  EVLPWD5T60 Datasheet HTML 1Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 2Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 3Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 4Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 5Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 6Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 7Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 8Page - STMicroelectronics EVLPWD5T60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
1.4
Operating the evaluation board
To properly operate the board, follow these safety rules.
1. Work area safety:
The work area must be clean and tidy.
Do not work alone when boards are energized.
Protect against inadvertent access to the area where the board is energized using suitable barriers and
signs.
A system architecture that supplies power to the evaluation board must be equipped with additional
control and protective devices in accordance with the applicable safety requirements (that is, compliance
with technical equipment and accident prevention rules).
Use a non-conductive and stable work surface.
Use adequately insulated clamps and wires to attach measurement probes and instruments.
2. Electrical safety:
Remove the power supply from the board and electrical loads before taking any electrical
measurements.
Proceed with the arrangement of measurement setup, wiring, or configuration paying attention to high-
voltage sections.
Once the setup is complete, energize the board.
Danger: Do not touch the board when it is energized or immediately after it has been disconnected
from the voltage supply as several parts and power terminals containing potentially
energized capacitors need time to discharge.
Do not touch the board after disconnection from the voltage supply as several parts,
included PCB, may still be very hot.
The kit is not electrically isolated from DC input.
3. Personal safety
Always wear suitable personal protective equipment such as insulating gloves and safety glasses.
Take adequate precautions and install the board in such a way to prevent accidental touch. Use
protective shields such as an insulating box with interlocks if necessary.
EVLPWD5T60
Safety and operating instructions
DB5226 - Rev 2
page 3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15