전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX1908 데이터시트(PDF) 2 Page - Maxim Integrated Products

부품명 MAX1908
상세설명  Low-Cost Multichemistry Battery Chargers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 데이터시트(HTML) 2 Page - Maxim Integrated Products

  MAX1908_05 Datasheet HTML 1Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 2Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 3Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 4Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 5Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 6Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 7Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 8Page - Maxim Integrated Products MAX1908_05 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
Low-Cost Multichemistry Battery Chargers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = float, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
DCIN, CSSP, CSSN,
ACOK to GND.......................-0.3V to +30V
BST to GND ............................................................-0.3V to +36V
BST to LX..................................................................-0.3V to +6V
DHI to LX ...................................................-0.3V to (VBST + 0.3V)
LX to GND .................................................................-6V to +30V
BATT, CSIP, CSIN to GND .....................................-0.3V to +20V
CSIP to CSIN or CSSP to CSSN or
PGND to GND ....................................................-0.3V to +0.3V
CCI, CCS, CCV, DLO, ICHG,
IINP, ACIN, REF to GND.......................-0.3V to (VLDO + 0.3V)
DLOV, VCTL, ICTL, REFIN, CELLS, CLS,
LDO,
SHDN to GND .............................................-0.3V to +6V
DLOV to LDO.........................................................-0.3V to +0.3V
DLO to PGND .........................................-0.3V to (VDLOV + 0.3V)
LDO Short-Circuit Current...................................................50mA
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN (5mm
× 5mm)
(derate 20.8mW/°C above +70°C) .........................1666.7mW
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CHARGE-VOLTAGE REGULATION
VVCTL = VREFIN (2, 3, or 4 cells)
-0.5
+0.5
VVCTL = VREFIN / 20 (2, 3, or 4 cells)
-0.5
+0.5
Battery-Regulation Voltage
Accuracy
VVCTL = VLDO (2, 3, or 4 cells)
-0.5
+0.5
%
VCTL Default Threshold
VVCTL rising
4.0
4.1
4.2
V
REFIN Range
(Note 1)
2.5
3.6
V
REFIN Undervoltage Lockout
VREFIN falling
1.20
1.92
V
CHARGE-CURRENT REGULATION
CSIP-to-CSIN Full-Scale Current-
Sense Voltage
VICTL = VREFIN
71.25
75
78.75
mV
VICTL = VREFIN
-5
+5
VICTL = VREFIN x 0.6
-5
+5
VICTL = VLDO
-6
+6
MAX8765 only; VICTL = VREFIN x 0.036
-45
+45
Charging-Current Accuracy
MAX8724 only; VICTL = VREFIN x 0.058
-33
+33
%
Charge-Current Gain Error
(MAX8765 Only)
-2
+2
%
Charge-Current Offset
(MAX8765 Only)
-2
+2
mV
ICTL Default Threshold
VICTL rising
4.0
4.1
4.2
V
BATT/CSIP/CSIN Input Voltage
Range
0
19
V
VDCIN = 0 or VICTL = 0 or SHDN = 0
1
CSIP/CSIN Input Current
Charging
400
650
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com