전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9627PCB 데이터시트(PDF) 30 Page - Analog Devices

부품명 AD9627PCB
상세설명  12-Bit, 80/105/125/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9627PCB 데이터시트(HTML) 30 Page - Analog Devices

Back Button AD9627PCB Datasheet HTML 26Page - Analog Devices AD9627PCB Datasheet HTML 27Page - Analog Devices AD9627PCB Datasheet HTML 28Page - Analog Devices AD9627PCB Datasheet HTML 29Page - Analog Devices AD9627PCB Datasheet HTML 30Page - Analog Devices AD9627PCB Datasheet HTML 31Page - Analog Devices AD9627PCB Datasheet HTML 32Page - Analog Devices AD9627PCB Datasheet HTML 33Page - Analog Devices AD9627PCB Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
AD9627
Preliminary Technical Data
Rev. PrA | Page 30 of 40
CHANNEL/CHIP SYNCHRONIZATION
The AD9627 has a SYNC input that allows the user flexible
synchronization options for syncing the internal blocks. The
sync feature is useful to guarantee synchronized operation
across multiple ADCs. The input clock divider and the signal
monitor block can be synchronized using the SYNC input. The
input clock divider can be enabled to sync on a single
occurrence of the sync signal or on every occurrence. The
signal monitor syncs on every SYNC input.
The SYNC input is internally synchronized to the sample clock,
however to ensure there is no timing uncertainty between
multiple parts the SYNC input signal should be synchronized to
the input clock signal. The SYNC input should be driven using
a single ended CMOS type signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40