전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C8051F337 데이터시트(PDF) 42 Page - Silicon Laboratories

부품명 C8051F337
상세설명  Mixed Signal ISP Flash MCU Family
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F337 데이터시트(HTML) 42 Page - Silicon Laboratories

Back Button C8051F337 Datasheet HTML 38Page - Silicon Laboratories C8051F337 Datasheet HTML 39Page - Silicon Laboratories C8051F337 Datasheet HTML 40Page - Silicon Laboratories C8051F337 Datasheet HTML 41Page - Silicon Laboratories C8051F337 Datasheet HTML 42Page - Silicon Laboratories C8051F337 Datasheet HTML 43Page - Silicon Laboratories C8051F337 Datasheet HTML 44Page - Silicon Laboratories C8051F337 Datasheet HTML 45Page - Silicon Laboratories C8051F337 Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 234 page
background image
Table 6.12. Comparator Electrical Characteristics
VDD = 3.0 V, –40 to +85 °C unless otherwise noted.
Parameter
Conditions
Min
Typ
Max
Units
Response Time:
Mode 0, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
—
100
—
ns
CP0+ – CP0– = –100 mV
—
200
—
ns
Response Time:
Mode 1, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
—
250
—
ns
CP0+ – CP0– = –100 mV
—
350
—
ns
Response Time:
Mode 2, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
—
400
—
ns
CP0+ – CP0– = –100 mV
—
800
—
ns
Response Time:
Mode 3, Vcm* = 1.5 V
CP0+ – CP0– = 100 mV
—
1100
—
ns
CP0+ – CP0– = –100 mV
—
5000
—
ns
Common-Mode Rejection Ratio
—
1.25
5
mV/V
Positive Hysteresis 1
CP0HYP1–0 = 00
—
0
1
mV
Positive Hysteresis 2
CP0HYP1–0 = 01
1
5
10
mV
Positive Hysteresis 3
CP0HYP1–0 = 10
6
10
20
mV
Positive Hysteresis 4
CP0HYP1–0 = 11
12
20
30
mV
Negative Hysteresis 1
CP0HYN1–0 = 00
0
1
mV
Negative Hysteresis 2
CP0HYN1–0 = 01
1
5
10
mV
Negative Hysteresis 3
CP0HYN1–0 = 10
6
10
20
mV
Negative Hysteresis 4
CP0HYN1–0 = 11
12
20
30
mV
Inverting or Non-Inverting Input
Voltage Range
–0.25
—
VDD + 0.25
V
Input Capacitance
—
4
—
pF
Input Bias Current
—
0.001
—
nA
Input Offset Voltage
–5
—
+5
mV
Power Supply
Power Supply Rejection
—
0.1
—
mV/V
Power-up Time
—
10
—
µs
Supply Current at DC
Mode 0
—
10
20
µA
Mode 1
—
4
10
µA
Mode 2
—
2
5
µA
Mode 3
—
0.4
2.5
µA
*Note: Vcm is the common-mode voltage on CP0+ and CP0–.
C8051F336/7/8/9
42
Rev. 0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com