전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M65KG512AB 데이터시트(PDF) 37 Page - STMicroelectronics

부품명 M65KG512AB
상세설명  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB 데이터시트(HTML) 37 Page - STMicroelectronics

Back Button M65KG512AB Datasheet HTML 33Page - STMicroelectronics M65KG512AB Datasheet HTML 34Page - STMicroelectronics M65KG512AB Datasheet HTML 35Page - STMicroelectronics M65KG512AB Datasheet HTML 36Page - STMicroelectronics M65KG512AB Datasheet HTML 37Page - STMicroelectronics M65KG512AB Datasheet HTML 38Page - STMicroelectronics M65KG512AB Datasheet HTML 39Page - STMicroelectronics M65KG512AB Datasheet HTML 40Page - STMicroelectronics M65KG512AB Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
M65KG526AB
DC and ac parameters
37/54
Figure 14.
Read operation (Burst lengths = 2, 4 and 8, CAS latency = 3)
Figure 15.
Burst Terminate during Read operation
NOP
ACT
NOP
READ
NOP
Command
K
K
Row
Address
Column
Address
A0-A12
BA0-BA1
DO0 DO1
UDQS,
LDQS(1)
DQ0-DQ15(1)
DO0 DO1
UDQS,
LDQS(2)
DQ0-DQ15(2)
DO2 DO3
DO0 DO1
UDQS,
LDQS(2)
DQ0-DQ15(2)
DO2 DO3 DO4 DO5 DO6 DO7
ai10552
Notes: 1. Burst Length = 2
2. Burst Length = 4
3. Burst Length = 8.
4. In all cases, CAS Latency = 3.
tRPRE
tRPST
tAC
tDQSCK
t0
t1
t2
t3
t4
t5
t6
tRCD
Command
K
K
DO1
UDQS,
LDQS
DQ0-DQ15
READ
BST
NOP
t0 t0.5
t1 t1.5
t2
t2.5
t3
t3.5
t4
t4.5
t5
t5.5
tBSTZ
DO0
ai10585



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54