전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AR0235CSSM00SMKA0-CP 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 AR0235CSSM00SMKA0-CP
상세설명  1/2.8-inch 2 MP CMOS Digital Image Sensor with Global Shutter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0235CSSM00SMKA0-CP 데이터시트(HTML) 2 Page - ON Semiconductor

  AR0235CSSM00SMKA0-CP Datasheet HTML 1Page - ON Semiconductor AR0235CSSM00SMKA0-CP Datasheet HTML 2Page - ON Semiconductor AR0235CSSM00SMKA0-CP Datasheet HTML 3Page - ON Semiconductor AR0235CSSM00SMKA0-CP Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AR0235CS
www.onsemi.com
2
ORDERING INFORMATION
Table 2. AVAILABLE PART NUMBERS
Part Number
Product Description
Product Attribute Description
AR0235CSSM00SMKA0−CP
Mono, 0 CRA
CSP with Protective Film
AR0235CSSM00SMKA0−CP2
Mono, 0 CRA
CSP with Protective Film, MOQ 50 Pieces
AR0235CSSM00SMKA0−CR
Mono, 0 CRA
CSP without Protective Film
AR0235CSSM00SMKAH3−GEVB
Mono, 0 CRA
Demo Board
AR0235CSSM28SMKA0−CP
Mono, 28 CRA
CSP with Protective Film
AR0235CSSM28SMKA0−CR
Mono, 28 CRA
CSP without Protective Film
AR0235CSSM28SMKA0−CP2
Mono, 28 CRA
CSP Chip Tray with Protective Film, MOQ 50 Pieces
AR0235CSSM28SMKAH3−GEVB
Mono, 28 CRA
Demo Board
NOTE: Refer to AR0235 Die Data Sheet for Die Part Numbers and Ordering Information.
Table 3. FRAME RATE OF DIFFERENT MODES OF OPERATION
Resolution
Mode
Frame Rate
(frames per sec)
Full_Resolution
1920 x 1200
Master
120
Slave Integration Start
90
Slave Integration Time
90
Slave Integration Start and Readout Start
90
Slave Integration Start and Integration
depends on exp (not
constant frame rate)
2x2_Subsampling
960 x 600
Master
245
Slave Integration Start
160
Slave Integration Time
160
Slave Integration Start and Readout Start
160
Slave Integration Start and Integration
depends on exp (not
constant frame rate)
Figure 1. Block Diagram
Control Registers
Analog Processing and
A/D Conversion
Active Pixel Sensor
(APS)
Array
Pixel Data Path
(Signal Processing)
Timing and Control
(Sequencer)
Auto Exposure
and Stats Engine
OTPM
Memory
PLL
External
Clock
MPI Serial
Output
Two−wire
Serial
Interface
Power
GPIO0/GPIO1 GPI2/GPI3



Html Pages

1 2 3 4