| 전자부품 데이터시트 검색엔진 |
|
RL78 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RL78 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 41 page ![]() RI78V4 V2.00.00 Release Note R20UT3404EJ0102 Rev.1.02 Page 2 of 41 2021.04.28 6.3. Target Devices .................................................................................................................................11 6.4. Changes the supporting memory model ..........................................................................................11 6.5. Changes in the way to write hexadecimal in an assembly language...............................................11 6.6. The structure packing function can be use ......................................................................................11 6.7. Changes in the kernel initialization address.....................................................................................12 6.8. Changes in the section name and addition with the section name ..................................................12 6.9. Adds the data queues function.........................................................................................................13 6.10. Adds the PHS attribution for cyclic handler......................................................................................14 6.11. Improvement of the way to define and write the interrupt handler ...................................................14 6.12. The way to define the timer handler .................................................................................................16 6.13. Related to the configurator (CF78V4) ..............................................................................................17 6.13.1. Changes in the configurator (CF78V4) ............................................................................ 17 6.13.2. Changes in the description of system configuration file .................................................. 17 6.14. Realtime OS Task Analyzer Plug-in .................................................................................................19 7. When it is converted from RI78V4 V1.00.02 to RI78V4 V2.00.00 ........................ 21 7.1. The timer interrupt handler ...............................................................................................................21 7.2. Definition of the interrupt handler .....................................................................................................22 7.3. The item of definition of cyclic handler .............................................................................................23 7.4. “__far” keyword for the argument of the service call........................................................................23 7.5. Link directive file ...............................................................................................................................23 8. Changes about update products .......................................................................... 24 8.1. Realtime OS Task Analyzer Plug-in .................................................................................................24 9. Cautions............................................................................................................... 25 9.1. Create a CS+ Project .......................................................................................................................25 9.1.1. Divert the sample project attached to this product ............................................................ 25 9.1.2. Create a new project.......................................................................................................... 26 9.1.3. Recycle a RI78V4 V1.00.02 project................................................................................... 27 9.2. Enable Real-Time OS Plug-ins ........................................................................................................28 9.3. Property of Configuration file............................................................................................................29 9.4. Cautions for Realtime OS Resource Information Panel...................................................................30 9.4.1. View after Real-Time OS initialization ............................................................................... 30 9.4.2. Use programs with debug information generated.............................................................. 30 9.5. Cautions for Realtime OS Task Analyzer Information Panel ...........................................................31 9.5.1. To change the trace mode................................................................................................. 31 9.5.2. If the [Taking in trace chart by hardware trace mode] is selected with simulator .............. 31 9.5.3. If the [take in trace chart by hardware trace mode] is selected with E1/E20 emulator...... 33 9.5.4. Setting for the debugging tool............................................................................................ 33 9.5.5. Time stamp for the Software trace..................................................................................... 33 |