전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4C147-10CMB 데이터시트(PDF) 1 Page - Pyramid Semiconductor Corporation

부품명 P4C147-10CMB
상세설명  ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PYRAMID [Pyramid Semiconductor Corporation]
홈페이지  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C147-10CMB 데이터시트(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C147-10CMB Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C147-10CMB Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM103 REV A
Revised October 2005
P4C147
ULTRA HIGH SPEED 4K x 1
STATIC CMOS RAM
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 15/20/25/35 ns (Military)
Low Power Operation
– 715 mW Active
–10 (Commercial)
– 550 mW Active
–25 (Commercial)
– 110 mW Standby (TTL Input)
– 55 mW Standby (CMOS Input)
Single 5V ± 10% Power Supply
Separate Input and Output Ports
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 18 Pin 300 mil DIP
– 18 Pin CERPACK
– 18 Pin LCC (290 x 430 mils)
– 18 Pin LCC (295 x 335 mils)
DESCRIPTION
The P4C147 is a 4,096-bit ultra high speed static RAM
organized as 4K x 1. The CMOS memory requires no
clocks or refreshing, and have equal access and cycle
times. InputsarefullyTTL-compatible. TheRAMoperates
from a single 5V ± 10% tolerance power supply.
Access times as fast as 10 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is utilized to reduce power consumption in both
active and standby modes. In addition to very high
performance, this device features latch-up protection
and single-event-upset protection.
The P4C147 is available in 18 pin 300 mil DIP packages,
an 18-pin CERPACK package, and 2 different LCC
packages.
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
DIP (P1, D1, C9),
CERPACK (F1) SIMILAR
LCC (L7, L7-1)


유사한 부품 번호 - P4C147-10CMB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P4C147-10DC ETC-P4C147-10DC Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10DM ETC-P4C147-10DM Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10DMB ETC-P4C147-10DMB Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10FC ETC-P4C147-10FC Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10FM ETC-P4C147-10FM Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results

유사한 설명 - P4C147-10CMB

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C147 ETC-P4C147 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
logo
Cypress Semiconductor
CY7C147 CYPRESS-CY7C147 Datasheet
384Kb / 7P
4K x 1 STATIC RAM
logo
Integrated Silicon Solu...
IS61C67 ISSI-IS61C67 Datasheet
346Kb / 8P
16K X 1 HIGH SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C107 PYRAMID-P4C107 Datasheet
544Kb / 8P
ULTRA HIGH SPEED 1M x 1 STATIC CMOS RAM
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Integrated Device Techn...
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com