전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAM-6GY-084VIS 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 CAM-6GY-084VIS
상세설명  VD66GY promodules: Camera module evaluation samples for instant integration of VD66GY sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CAM-6GY-084VIS 데이터시트(HTML) 3 Page - STMicroelectronics

  CAM-6GY-084VIS Datasheet HTML 1Page - STMicroelectronics CAM-6GY-084VIS Datasheet HTML 2Page - STMicroelectronics CAM-6GY-084VIS Datasheet HTML 3Page - STMicroelectronics CAM-6GY-084VIS Datasheet HTML 4Page - STMicroelectronics CAM-6GY-084VIS Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
1
Technical specifications
Table 2. Technical specifications
Category
Parameter
Common specifications
Image
characteristics
Sensor featured
VD66GY
Resolution
1.53 MP – 1124 x 1364
Aspect ratio
5 : 6
Shutter type
Global shutter
Color option
Color RGB
Electrical
characteristics
Connector type
FPC-to-board
Connector reference
Hirose BM28 B0.6-30DP/2-0.35V
Pinout
30 pins
Output interface
MIPI CSI-2 | 1 or 2 lanes
Control interface
I²C
Output format
RAW8, RAW10
Supply voltages
2.8 V – 1.8 V – 1.15 V
External clock frequency
6 to 27 MHz
Embedded
features
Image quality
optimization
•
Autoexposure
•
Automatic dark calibration
•
Defective pixel correction
•
Analog and digital gains
Power and data
optimization
•
Cropping
•
Binning
•
Subsampling
•
Context management with up to 4 contexts
Others
•
Mirror/Flip
•
Test pattern generation
•
Temperature sensor
•
GPIOs x6
Category
Parameter
CAM-6GY-073VIS
CAM-6GY-084VIS
CAM-6GY-152VIS
Optical
characteristics
Aperture – f/#
F/2.2
F/2.0
F/2.0
Field of view – D | H | V
73° | 51° | 60°
84° | 60° | 69°
152° | 97° | 118°
EFL
3.03 mm
2.51 mm
1.69 mm
Depth of field
40 cm -> ∞
30 cm -> ∞
40 cm -> ∞
TV distortion
< 1 %
< 1.5 %
< 27 %
Filter
Visible
Visible
Visible
Mechanical
characteristics
Module head dimension –
L x W x H
6.5 x 6.5 x 4.68 mm
6.5 x 6.5 x 3.98 mm
9.0 x 9.0 x 7.15 mm
Module total dimension –
L x W x H
12.4 x 8.0 x 4.68 mm
12.4 x 8.0 x 3.98 mm
13.65 x 9.0 x 7.15 mm
Distance from connector
to optical center
7.45 mm
7.45 mm
7.45 mm
CAM-66GY
Technical specifications
DB5265 - Rev 1
page 3/5



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com