| 전자부품 데이터시트 검색엔진 |
|
08CH220L 데이터시트(PDF) 17 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
08CH220L 데이터시트(HTML) 17 Page - List of Unclassifed Manufacturers |
|
17 / 25 page ![]() Symbol A0 ±0.10 B0 ±0.10 K0 ±0.10 T ±0.05 T2 ±0.05 D0 +0.10 -0.00 D1 ±0.05 P1 ±0.10 P2 ±0.05 P0 ±0.05 W ±0.20 E ±0.10 F ±0.05 0402 0.85 1.25 0.65 0.22 0.87 1.50 1.00 3.00 2.00 4.00 8.00 1.75 3.50 0603 1.08 1.88 0.95 0.22 1.17 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 0805 1.42 2.30 1.04 0.22 1.26 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1206 1.88 3.50 1.27 0.22 1.49 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1210 2.78 3.46 1.55 0.22 1.77 1.50 1.00 4.00 2.00 4.00 8.00 1.75 3.50 1812 3.66 4.95 1.74 0.25 1.99 1.50 1.50 8.00 2.00 4.00 12.00 1.75 5.50 2220 5.10 5.97 2.80 0.25 3.05 1.50 1.50 8.00 2.00 4.00 12.00 1.75 5.50 08CH 5.50 8.50 2.80 1.00 3.05 1.50 1.50 8.00 2.00 4.00 16.00 1.75 7.50 Unit:mm Reel Dimensions Pieces packaged per reel Unit mm Type 0402 0603 0805 1206 1210 1812 2220/08CH Pcs/reel 10000 4000 3000 3000 2000 1000 1000 Symbol A B C D E W W1 0402 178.0±1.0 60.0±0.5 13.0±0.2 21.0±0.2 2.0±0.5 9.0±0.50 1.5±0.15 0603 178.0±1.0 60.0±0.5 13.0±0.2 21.0±0.2 2.0±0.5 9.0±0.50 1.5±0.15 0805 178.0±1.0 60.0±0.5 13.0±0.2 21.0±0.2 2.0±0.5 9.0±0.50 1.5±0.15 1206 178.0±1.0 60.0±0.5 13.0±0.2 21.0±0.2 2.0±0.5 9.0±0.50 1.5±0.15 1210 178.0±1.0 60.0±0.5 13.0±0.2 21.0±0.2 2.0±0.5 9.0±0.50 1.5±0.15 1812 178.0±1.0 60.0±0.5 13.5±0.1 21.0±0.2 2.0±0.5 13.6±0.2 1.5±0.15 2220/08CH 178.0±1.0 60.0±0.5 13.5±0.1 21.0±0.2 2.0±0.5 13.6±0.2 1.5±0.15 E C D A B W W A B C E W1 D SMD Transient Voltage Suppressors Packaging A P D B D P P E W F Top T K T |